Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCLV Datasheet(PDF) 21 Page - Linear Technology

Part # LCLV
Description  1.1MHz/2.2MHz, 500mA Step-Down Regulators in 2mm 횞 2mm DFN and MS10
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LCLV Datasheet(HTML) 21 Page - Linear Technology

Back Button LCLV Datasheet HTML 16Page - Linear Technology LCLV Datasheet HTML 17Page - Linear Technology LCLV Datasheet HTML 18Page - Linear Technology LCLV Datasheet HTML 19Page - Linear Technology LCLV Datasheet HTML 20Page - Linear Technology LCLV Datasheet HTML 21Page - Linear Technology LCLV Datasheet HTML 22Page - Linear Technology LCLV Datasheet HTML 23Page - Linear Technology LCLV Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LT3502/LT3502A
21
3502fc
2.5V Step-Down Converter
VIN
C3
0.1μF
3502 TA04a
L1
6.8μH
D1
SHDN
BOOST
SW
LT3502A
BD
GND
DA
FB
OFF ON
C1
22μF
R2
10k
R1
21.3k
C2
1μF
VIN
3.5V TO 40V
VBD
3V TO 7V
VOUT
2.5V
500mA
C1: JMK212BJ226MG
L1: LQH43DN6R8M03
0.1μF
VIN
C3
0.1μF
3502 TA04b
L1
15μH
D1
SHDN
BOOST
SW
LT3502
BD
GND
DA
FB
OFF ON
C1
22μF
R2
10k
R1
21.3k
C2
1μF
VIN
3.5V TO 40V
VBD
3V TO 7V
VOUT
2.5V
500mA
C1: JMK212BJ226MG
L1: LQH55DN150M03
0.1μF
TYPICAL APPLICATIONS
3.3V Step-Down Converter
VIN
C3
0.1μF
3502 TA05a
L1
6.8μH
D1
SHDN
BOOST
SW
LT3502A
BD
GND
DA
FB
OFF ON
C1
10μF
R2
10k
R1
31.6k
C2
1μF
VIN
4.7V TO 40V
VOUT
3.3V
500mA
C1: LMK316BJ106ML-BR
L1: LQH43CN6R8M03
VIN
C3
0.1μF
3502 TA05b
L1
15μH
D1
SHDN
BOOST
SW
LT3502
BD
GND
DA
FB
OFF ON
C1
22μF
R2
10k
R1
31.6k
C2
1μF
VIN
4.5V TO 40V
VOUT
3.3V
500mA
C1: JMK212BJ226MG
L1: LQH55DN150M03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com