Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCLV Datasheet(PDF) 17 Page - Linear Technology

Part # LCLV
Description  1.1MHz/2.2MHz, 500mA Step-Down Regulators in 2mm 횞 2mm DFN and MS10
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LCLV Datasheet(HTML) 17 Page - Linear Technology

Back Button LCLV Datasheet HTML 13Page - Linear Technology LCLV Datasheet HTML 14Page - Linear Technology LCLV Datasheet HTML 15Page - Linear Technology LCLV Datasheet HTML 16Page - Linear Technology LCLV Datasheet HTML 17Page - Linear Technology LCLV Datasheet HTML 18Page - Linear Technology LCLV Datasheet HTML 19Page - Linear Technology LCLV Datasheet HTML 20Page - Linear Technology LCLV Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
LT3502/LT3502A
17
3502fc
APPLICATIONS INFORMATION
Figure 8b. Diode D4 Prevents a Shorted Input from Discharging
a Backup Battery Tied to the Output; it Also Protects the Circuit
from a Reversed Input. The LT3502/LT3502A Runs Only When
the Input is Present
VIN
3502 F08b
SHDN
BOOST
SW
LT3502A
BD
D4
GND
DA
FB
VIN
VOUT
+
internal circuitry will pull its quiescent current through
its SW pin. This is fine if your system can tolerate a few
mA in this state. If you ground the SHDN pin, the SW
pin current will drop to essentially zero. However, if the
VIN pin is grounded while the output is held high, then
parasitic diodes inside the LT3502/LT3502A can pull large
currents from the output through the SW pin and the VIN
pin. Figure 8b shows a circuit that will run only when the
input voltage is present and that protects against a shorted
or reversed input.
Hot Plugging Safely
The small size, robustness and low impedance of ceramic
capacitors make them an attractive option for the input
bypass capacitor of LT3502/LT3502A circuits. However,
these capacitors can cause problems if the LT3502/LT3502A
are plugged into a live supply (see Linear Technology
Application Note 88 for a complete discussion). The low
loss ceramic capacitor combined with stray inductance in
series with the power source forms an underdamped tank
circuit, and the voltage at the VINpinoftheLT3502/LT3502A
can ring to twice the nominal input voltage, possibly ex-
ceeding the LT3502/LT3502A’s rating and damaging the
part. If the input supply is poorly controlled or the user
will be plugging the LT3502/LT3502A into an energized
supply, the input network should be designed to prevent
this overshoot. Figure 9 shows the waveforms that result
when an LT3502/LT3502A circuit is connected to a 24V
supply through six feet of 24-gauge twisted pair. The first
plot is the response with a 2.2μF ceramic capacitor at the
input. The input voltage rings as high as 35V and the input
current peaks at 20A. One method of damping the tank
circuit is to add another capacitor with a series resistor to
the circuit. In Figure 9b an aluminum electrolytic capacitor
has been added. This capacitor’s high equivalent series
resistance damps the circuit and eliminates the voltage
overshoot. The extra capacitor improves low frequency
ripple filtering and can slightly improve the efficiency of the
circuit, though it is likely to be the largest component in the
circuit. An alternative solution is shown in Figure 9c. A 1Ω
resistor is added in series with the input to eliminate the
voltage overshoot (it also reduces the peak input current).
A 0.1μF capacitor improves high frequency filtering. This
solution is smaller and less expensive than the electrolytic
capacitor. For high input voltages its impact on efficiency
is minor, reducing efficiency less than one half percent for
a 5V output at full load operating from 24V.
Frequency Compensation
The LT3502/LT3502A use current mode control to regulate
the output. This simplifies loop compensation. In particular,
the LT3502/LT3502A does not require the ESR of the output
capacitor for stability allowing the use of ceramic capacitors
to achieve low output ripple and small circuit size.
Figure 10 shows an equivalent circuit for the LT3502/
LT3502A control loop. The error amp is a transconductance
amplifier with finite output impedance. The power section,
consisting of the modulator, power switch and inductor,
is modeled as a transconductance amplifier generating an
output current proportional to the voltage at the VC node.
Note that the output capacitor integrates this current,
and that the capacitor on the VC node (CC) integrates the
error amplifier output current, resulting in two poles in the
loop. RC provides a zero. With the recommended output
capacitor, the loop crossover occurs above the RCCC zero.
This simple model works well as long as the value of the
inductor is not too high and the loop crossover frequency
is much lower than the switching frequency. With a larger
ceramic capacitor (very low ESR), crossover may be lower
and a phase lead capacitor (CPL) across the feedback
divider may improve the phase margin and transient
response. Large electrolytic capacitors may have an ESR
large enough to create an additional zero, and the phase
lead may not be necessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com