Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCLV Datasheet(PDF) 14 Page - Linear Technology

Part # LCLV
Description  1.1MHz/2.2MHz, 500mA Step-Down Regulators in 2mm 횞 2mm DFN and MS10
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LCLV Datasheet(HTML) 14 Page - Linear Technology

Back Button LCLV Datasheet HTML 10Page - Linear Technology LCLV Datasheet HTML 11Page - Linear Technology LCLV Datasheet HTML 12Page - Linear Technology LCLV Datasheet HTML 13Page - Linear Technology LCLV Datasheet HTML 14Page - Linear Technology LCLV Datasheet HTML 15Page - Linear Technology LCLV Datasheet HTML 16Page - Linear Technology LCLV Datasheet HTML 17Page - Linear Technology LCLV Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LT3502/LT3502A
14
3502fc
APPLICATIONS INFORMATION
Figure 4. Transient Load Response of the LT3502A with Different Output Capacitors
as the Load Current is Stepped from 150mA to 400mA. VIN = 12V, VOUT = 3.3V, L = 6.8μH
10μF
FB
32.4k
IL
0.2A/DIV
VOUT
0.1V/DIV
AC COUPLED
IL
0.2A/DIV
VOUT
0.1V/DIV
AC COUPLED
10μs/DIV
10μs/DIV
IL
0.2A/DIV
VOUT
0.1V/DIV
AC COUPLED
10μs/DIV
10k
VOUT
3502 F04a
3502 F04b
3502 F04c
FB
VOUT
32.4k
10k
10μF
×2
50pF
SANYO
4TPB100M
FB
VOUT
+
32.4k
10k
100μF
Figure 5
VIN
BD
GND
SW
DA
BOOST
VIN
LT3502
(5a)
VOUT
VBOOST – VSW ≅ VOUT
MAX VBOOST ≅ VIN + VOUT
3502 F05a
VIN
BD
GND
SW
DA
BOOST
VIN
VDD
LT3502
(5b)
VOUT
VBOOST – VSW ≅ VIN
MAX VBOOST ≅ 2VIN
3502 F05b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com