Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCLV Datasheet(PDF) 18 Page - Linear Technology

Part # LCLV
Description  1.1MHz/2.2MHz, 500mA Step-Down Regulators in 2mm 횞 2mm DFN and MS10
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LCLV Datasheet(HTML) 18 Page - Linear Technology

Back Button LCLV Datasheet HTML 14Page - Linear Technology LCLV Datasheet HTML 15Page - Linear Technology LCLV Datasheet HTML 16Page - Linear Technology LCLV Datasheet HTML 17Page - Linear Technology LCLV Datasheet HTML 18Page - Linear Technology LCLV Datasheet HTML 19Page - Linear Technology LCLV Datasheet HTML 20Page - Linear Technology LCLV Datasheet HTML 21Page - Linear Technology LCLV Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LT3502/LT3502A
18
3502fc
APPLICATIONS INFORMATION
Figure 10. Model for Loop Response
800mV
SW
VC
LT3502
GND
3502 F10
R1
OUT
ESR
ERROR
AMPLIFIER
CURRENT MODE
POWER STAGE
FB
R2
1M
RC
150k
CC
70pF
C1
C1
gm =
100μA/V
gm =
1A/V
+
CPL
0.5V
+
+
LT3502
2.2μF
VIN
20V/DIV
IIN
5A/DIV
20μs/DIV
VIN
CLOSING SWITCH
SIMULATES HOT PLUG
IIN
(9a)
(9b)
(9c)
LOW
IMPEDANCE
ENERGIZED
24V SUPPLY
STRAY
INDUCTANCE
DUE TO 6 FEET
(2 METERS) OF
TWISTED PAIR
+
+
LT3502
2.2μF
10μF
35V
AI.EI.
LT3502
2.2μF
0.1μF
1Ω
3502 F09
VIN
20V/DIV
IIN
5A/DIV
20μs/DIV
VIN
20V/DIV
IIN
5A/DIV
20μs/DIV
DANGER!
RINGING VIN MAY EXCEED
ABSOLUTE MAXIMUM
RATING OF THE LT3502
Figure 9. A Well Chosen Input Network Prevents Input Voltage Overshoot and
Ensures Reliable Operation When the LT3502 is Connected to a Live Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com