Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCLV Datasheet(PDF) 2 Page - Linear Technology

Part # LCLV
Description  1.1MHz/2.2MHz, 500mA Step-Down Regulators in 2mm 횞 2mm DFN and MS10
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LCLV Datasheet(HTML) 2 Page - Linear Technology

  LCLV Datasheet HTML 1Page - Linear Technology LCLV Datasheet HTML 2Page - Linear Technology LCLV Datasheet HTML 3Page - Linear Technology LCLV Datasheet HTML 4Page - Linear Technology LCLV Datasheet HTML 5Page - Linear Technology LCLV Datasheet HTML 6Page - Linear Technology LCLV Datasheet HTML 7Page - Linear Technology LCLV Datasheet HTML 8Page - Linear Technology LCLV Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT3502/LT3502A
2
3502fc
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Input Voltage (VIN)....................................................40V
BOOST Voltage .........................................................50V
BOOST Pin Above SW Pin...........................................7V
FB Voltage...................................................................6V
SHDN Voltage ...........................................................40V
(Note 1)
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3502EDC#PBF
LT3502EDC#TRPBF
LCLV
8-Lead 2mm × 2mm Plastic DFN
–40°C to 125°C
LT3502IDC#PBF
LT3502IDC#TRPBF
LCLV
8-Lead 2mm × 2mm Plastic DFN
–40°C to 125°C
LT3502AEDC#PBF
LT3502AEDC#TRPBF
LCLT
8-Lead 2mm × 2mm Plastic DFN
–40°C to 125°C
LT3502AIDC#PBF
LT3502AIDC#TRPBF
LCLT
8-Lead 2mm × 2mm Plastic DFN
–40°C to 125°C
LT3502EMS#PBF
LT3502EMS#TRPBF
LTDTR
10-Lead Plastic MSOP
–40°C to 125°C
LT3502IMS#PBF
LT3502IMS#TRPBF
LTDTR
10-Lead Plastic MSOP
–40°C to 125°C
LT3502AEMS#PBF
LT3502AEMS#TRPBF
LTDTS
10-Lead Plastic MSOP
–40°C to 125°C
LT3502AIMS#PBF
LT3502AIMS#TRPBF
LTDTS
10-Lead Plastic MSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
TOP VIEW
VIN
BD
FB
SHDN
SW
BOOST
DA
GND
DC PACKAGE
8-LEAD (2mm × 2mm) PLASTIC DFN
9
4
1
2
3
6
5
7
8
θJA = 102°C/W
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
1
2
3
4
5
SW
BOOST
NC
DA
GND
10
9
8
7
6
VIN
NC
BD
FB
SHDN
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
θJA = 110°C/W
BD Voltage ..................................................................7V
Operating Junction Temperature Range (Note 2)
LT3502AE, LT3502E ...........................–40°C to 125°C
LT3502AI, LT3502I.............................–40°C to 125°C
Storage Temperature Range...................–65°C to 150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com