Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCLV Datasheet(PDF) 19 Page - Linear Technology

Part # LCLV
Description  1.1MHz/2.2MHz, 500mA Step-Down Regulators in 2mm 횞 2mm DFN and MS10
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LCLV Datasheet(HTML) 19 Page - Linear Technology

Back Button LCLV Datasheet HTML 15Page - Linear Technology LCLV Datasheet HTML 16Page - Linear Technology LCLV Datasheet HTML 17Page - Linear Technology LCLV Datasheet HTML 18Page - Linear Technology LCLV Datasheet HTML 19Page - Linear Technology LCLV Datasheet HTML 20Page - Linear Technology LCLV Datasheet HTML 21Page - Linear Technology LCLV Datasheet HTML 22Page - Linear Technology LCLV Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LT3502/LT3502A
19
3502fc
APPLICATIONS INFORMATION
If the output capacitor is different than the recommended
capacitor, stability should be checked across all operat-
ing conditions, including load current, input voltage and
temperature. The LT1375 data sheet contains a more
thorough discussion of loop compensation and describes
how to test the stability using a transient load.
PCB Layout
For proper operation and minimum EMI, care must be
taken during printed circuit board layout. Figure 11 shows
the recommended component placement with trace,
ground plane and via locations. Note that large, switched
currents flow in the LT3502/LT3502A’s VIN and SW pins,
the catch diode (D1) and the input capacitor (C2). The
loop formed by these components should be as small
as possible and tied to system ground in only one place.
These components, along with the inductor and output
capacitor, should be placed on the same side of the circuit
board, and their connections should be made on that
layer. Place a local, unbroken ground plane below these
components, and tie this ground plane to system ground
at one location, ideally at the ground terminal of the output
capacitor C1. The SW and BOOST nodes should be as
small as possible. Finally, keep the FB node small so that
the ground pin and ground traces will shield it from the
SW and BOOST nodes. Include vias near the exposed GND
pad of the LT3502/LT3502A to help remove heat from the
LT3502/LT3502A to the ground plane.
High Temperature Considerations
The die temperature of the LT3502/LT3502A must be
lower than the maximum rating of 125°C. This is generally
not a concern unless the ambient temperature is above
85°C. For higher temperatures, care should be taken in
the layout of the circuit to ensure good heat sinking of
the LT3502/LT3502A. The maximum load current should
be derated as the ambient temperature approaches
125°C. The die temperature is calculated by multiplying
the LT3502/LT3502A power dissipation by the thermal
resistance from junction to ambient. Power dissipation
within the LT3502/LT3502A can be estimated by calculat-
ing the total power loss from an efficiency measurement
and subtracting the catch diode loss. Thermal resistance
depends on the layout of the circuit board, but 102°C/W
and 110ºC/W are typical for the (2mm × 2mm) DFN and
MS10 packages respectively.
Outputs Greater Than 7V
Note that for outputs above 7V, the input voltage range will
be limited by the maximum rating of the BOOST pin. The
sum of input and output voltages cannot exceed the BOOST
pin’s 50V rating. The 15V circuit (Figure 12) shows how to
overcome this limitation using an additional zener diode.
Other Linear Technology Publications
Application notes AN19, AN35 and AN44 contain more
detailed descriptions and design information for Buck
regulators and other switching regulators. The LT1376
data sheet has a more extensive discussion of output
ripple, loop compensation and stability testing. Design
Note 100 shows how to generate a bipolar output supply
using a buck regulator.
Figure 11
Figure 12. 15V Step-Down Converter
BST
DA
GND
D1
FB
VIN
VOUT
L1
C1
C2
C3
R1
R2
= VIA
3502 F11
BD
SHDN
VIN
C3
0.1μF
22pF
3502 F12
L1
33μH
10V
SHDN
BOOST
SW
LT3502A
BD
GND
DA
FB
OFF ON
C1
10μF
R2
10k
R1
180k
C2
1μF
VIN
20V TO 40V
VOUT
15V
500mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com