Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A14100A-RQ208C Datasheet(PDF) 64 Page - Actel Corporation

Part # A14100A-RQ208C
Description  Accelerator Series FPGAs - ACT 3Family
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A14100A-RQ208C Datasheet(HTML) 64 Page - Actel Corporation

Back Button A14100A-RQ208C Datasheet HTML 60Page - Actel Corporation A14100A-RQ208C Datasheet HTML 61Page - Actel Corporation A14100A-RQ208C Datasheet HTML 62Page - Actel Corporation A14100A-RQ208C Datasheet HTML 63Page - Actel Corporation A14100A-RQ208C Datasheet HTML 64Page - Actel Corporation A14100A-RQ208C Datasheet HTML 65Page - Actel Corporation A14100A-RQ208C Datasheet HTML 66Page - Actel Corporation A14100A-RQ208C Datasheet HTML 67Page - Actel Corporation A14100A-RQ208C Datasheet HTML 68Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 64 / 68 page
background image
1-238
Package Pin Assignments (continued)
100-Pin CPGA (Top View)
1
A
2
3
4
5
6
7
8
9
10 11
B
C
D
E
F
G
H
J
K
L
A
B
C
D
E
F
G
H
J
K
L
100-Pin
CPGA
1
2
3
4
5
6
7
8
9
10 11
Orientation Pin
A1415 Function
Location
CLKA or I/O
C7
CLKB or I/O
D6
DCLK or I/O
C4
GND
C3, C6, C9, E9, F3, F9, J3, J6, J8, J9
HCLK or I/O
H6
IOCLK or I/O
C10
IOPCL or I/O
K9
MODE
C2
PRA OR I/O
A6
PRB or I/O
L3
SDI or I/O
B3
VCC
B6, B10, E11, F2, F10, G2, K2, K6, K10
Notes:
1.
Unused I/O pins are designated as outputs by ALS and are driven low.
2.
All unassigned pins are available for use as I/Os.
3.
MODE should be terminated to GND through a 10K resistor to enable Actionprobe usage; otherwise it can be terminated directly to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com