Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A14100A-RQ208C Datasheet(PDF) 20 Page - Actel Corporation

Part # A14100A-RQ208C
Description  Accelerator Series FPGAs - ACT 3Family
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A14100A-RQ208C Datasheet(HTML) 20 Page - Actel Corporation

Back Button A14100A-RQ208C Datasheet HTML 16Page - Actel Corporation A14100A-RQ208C Datasheet HTML 17Page - Actel Corporation A14100A-RQ208C Datasheet HTML 18Page - Actel Corporation A14100A-RQ208C Datasheet HTML 19Page - Actel Corporation A14100A-RQ208C Datasheet HTML 20Page - Actel Corporation A14100A-RQ208C Datasheet HTML 21Page - Actel Corporation A14100A-RQ208C Datasheet HTML 22Page - Actel Corporation A14100A-RQ208C Datasheet HTML 23Page - Actel Corporation A14100A-RQ208C Datasheet HTML 24Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 68 page
background image
1-194
Output Buffer Delays
AC Test Loads
Input Buffer Delays
Module Delays
To AC test loads (shown below)
PAD
D
E
TRIBUFF
In
VCC
GND
50%
Out
VOL
VOH
1.5 V
tDHS,
50%
1.5 V
tDHS,
En
VCC
GND
50%
Out
VOL
1.5 V
tENZHS,
50%
10%
tENHSZ,
En
VCC
GND
50%
Out
GND
VOH
1.5 V
tENZHS,
50%
90%
tENHSZ,
VCC
Load 1
(Used to measure propagation delay)
Load 2
(Used to measure rising/falling edges)
35 pF
To the output under test
VCC
GND
35 pF
To the output under test
R to VCC for tPLZ/tPZL
R to GND for tPHZ/tPZH
R = 1 k
Ω
PAD
Y
INBUF
In
3 V
0 V
1.5 V
Out
GND
VCC
50%
tINY
1.5 V
50%
tINY
S
A
B
Y
S, A or B
Out
GND
VCC
50%
tPD
Out
GND
GND
VCC
50%
50%
50%
VCC
50%
50%
tPD
tPD
tPD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com