Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A14100A-RQ208C Datasheet(PDF) 14 Page - Actel Corporation

Part # A14100A-RQ208C
Description  Accelerator Series FPGAs - ACT 3Family
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A14100A-RQ208C Datasheet(HTML) 14 Page - Actel Corporation

Back Button A14100A-RQ208C Datasheet HTML 10Page - Actel Corporation A14100A-RQ208C Datasheet HTML 11Page - Actel Corporation A14100A-RQ208C Datasheet HTML 12Page - Actel Corporation A14100A-RQ208C Datasheet HTML 13Page - Actel Corporation A14100A-RQ208C Datasheet HTML 14Page - Actel Corporation A14100A-RQ208C Datasheet HTML 15Page - Actel Corporation A14100A-RQ208C Datasheet HTML 16Page - Actel Corporation A14100A-RQ208C Datasheet HTML 17Page - Actel Corporation A14100A-RQ208C Datasheet HTML 18Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 68 page
background image
1-188
5V Operating Conditions
Absolute Maximum Ratings 1
Free air temperature range
Recommended Operating Conditions
Electrical Specifications
Symbol
Parameter
Limits
Units
VCC
DC Supply Voltage
–0.5 to +7.0
V
VI
Input Voltage
–0.5 to VCC +0.5
V
VO
Output Voltage
–0.5 to VCC +0.5
V
IIO
I/O Source Sink
Current2
±20
mA
TSTG
Storage Temperature
–65 to +150
°C
Notes:
1.
Stresses beyond those listed under “Absolute Maximum Ratings”
may cause permanent damage to the device. Exposure to
absolute maximum rated conditions for extended periods may
affect device reliability. Device should not be operated outside
the Recommended Operating Conditions.
2.
Device inputs are normally high impedance and draw
extremely low current. However, when input voltage is greater
than VCC + 0.5 V or less than GND – 0.5 V, the internal protection
diodes will forward bias and can draw excessive current.
Parameter
Commercial Industrial Military
Units
Temperature
Range1
0 to +70
–40 to +85
–55 to
+125
°C
5V Power
Supply
Tolerance
±5
±10
±10
%VCC
Note:
1.
Ambient temperature (TA) is used for commercial and
industrial; case temperature (TC) is used for military.
Symbol Parameter
Test Condition
Commercial
Industrial
Military
Units
Min.
Max.
Min.
Max.
Min.
Max.
VOH
1,2
HIGH Level Output
IOH = –4 mA (CMOS)
3.7
3.7
V
IOH = –6 mA (CMOS) 3.84
V
IOH = –10 mA (TTL)
3
2.40
V
VOL
1,2
LOW Level Output
IOL = +6 mA (CMOS)
0.33
0.4
0.4
V
IOL = +12 mA (TTL)
3
0.50
V
VIH
HIGH Level Input
TTL Inputs
2.0
VCC + 0.3
2.0
VCC + 0.3
2.0
VCC + 0.3
V
VIL
LOW Level Input
TTL Inputs
–0.3
0.8
–0.3
0.8
–0.3
0.8
V
IIN
Input Leakage
VI = VCC or GND
–10
+10
–10
+10
–10
+10
µA
IOZ
3-state Output Leakage
VO = VCC or GND
–10
+10
–10
+10
–10
+10
µA
CIO
I/O Capacitance3,4
10
10
10
pF
ICC(S)
Standby VCC Supply Current (typical = 0.7 mA)
2
10
20
mA
ICC(D)
Dynamic VCC Supply Current See “Power Dissipation” Section
Notes:
1.
Actel devices can drive and receive either CMOS or TTL signal levels. No assignment of I/Os as TTL or CMOS is required.
2.
Tested one output at a time, VCC = min.
3.
Not tested, for information only.
4.
VOUT = 0V, f = 1 MHz.
5.
Typical standby current = 0.7 mA. All outputs unloaded. All inputs = VCC or GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com