Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A14100A-RQ208C Datasheet(PDF) 17 Page - Actel Corporation

Part # A14100A-RQ208C
Description  Accelerator Series FPGAs - ACT 3Family
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A14100A-RQ208C Datasheet(HTML) 17 Page - Actel Corporation

Back Button A14100A-RQ208C Datasheet HTML 13Page - Actel Corporation A14100A-RQ208C Datasheet HTML 14Page - Actel Corporation A14100A-RQ208C Datasheet HTML 15Page - Actel Corporation A14100A-RQ208C Datasheet HTML 16Page - Actel Corporation A14100A-RQ208C Datasheet HTML 17Page - Actel Corporation A14100A-RQ208C Datasheet HTML 18Page - Actel Corporation A14100A-RQ208C Datasheet HTML 19Page - Actel Corporation A14100A-RQ208C Datasheet HTML 20Page - Actel Corporation A14100A-RQ208C Datasheet HTML 21Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 68 page
background image
1-191
Accelerator Series FPGAs – ACT ™ 3 Family
Active Power Component
Power dissipation in CMOS devices is usually dominated by
the active (dynamic) power dissipation. This component is
frequency dependent, a function of the logic and the external
I/O. Active power dissipation results from charging internal
chip capacitances of the interconnect, unprogrammed
antifuses, module inputs, and module outputs, plus external
capacitance due to PC board traces and load device inputs.
An additional component of the active power dissipation is
the totem-pole current in CMOS transistor pairs. The net
effect can be associated with an equivalent capacitance that
can be combined with frequency and voltage to represent
active power dissipation.
Equivalent Capacitance
The power dissipated by a CMOS circuit can be expressed by
the Equation 2.
Power (uW) = CEQ * VCC
2 * F
(2)
Where:
CEQ is the equivalent capacitance expressed in pF.
VCC is the power supply in volts.
F is the switching frequency in MHz.
Equivalent capacitance is calculated by measuring ICCactive
at a specified frequency and voltage for each circuit
component of interest. Measurements have been made over a
range of frequencies at a fixed value of VCC. Equivalent
capacitance is frequency independent so that the results may
be used over a wide range of operating conditions. Equivalent
capacitance values are shown below.
CEQ Values for Actel FPGAs
To calculate the active power dissipated from the complete
design, the switching frequency of each part of the logic must
be known. Equation 3 shows a piece-wise linear summation
over all components.
Power =VCC2 * [(m * CEQM* fm)modules + (n * CEQI* fn)inputs
+ (p * (CEQO+ CL) * fp)outputs
+ 0.5 * (q1 * CEQCR * fq1)routed_Clk1 + (r1 * fq1)routed_Clk1
+ 0.5 * (q2 * CEQCR * fq2)routed_Clk2
+ (r2 * fq2)routed_Clk2 + 0.5 * (s1 * CEQCD * fs1)dedicated_Clk
+ (s2 * CEQCI * fs2)IO_Clk]
(3)
Where:
Modules (CEQM)
6.7
Input Buffers (CEQI)
7.2
Output Buffers (CEQO)
10.4
Routed Array Clock Buffer Loads (CEQCR)
1.6
Dedicated Clock Buffer Loads (CEQCD)
0.7
I/O Clock Buffer Loads (CEQCI)
0.9
m
= Number of logic modules switching at fm
n
= Number of input buffers switching at fn
p
= Number of output buffers switching at fp
q1
= Number of clock loads on the first routed
array clock
q2
= Number of clock loads on the second routed
array clock
r1
= Fixed capacitance due to first routed array
clock
r2
= Fixed capacitance due to second routed array
clock
s1
= Fixed number of clock loads on the dedicated
array clock
s2
= Fixed number of clock loads on the dedicated
I/O clock
CEQM
= Equivalent capacitance of logic modules in pF
CEQI
= Equivalent capacitance of input buffers in pF
CEQO
= Equivalent capacitance of output buffers in
pF
CEQCR = Equivalent capacitance of routed array clock
in pF
CEQCD = Equivalent capacitance of dedicated array
clock in pF
CEQCI
= Equivalent capacitance of dedicated I/O clock
in pF
CL
= Output lead capacitance in pF
fm
= Average logic module switching rate in MHz
fn
= Average input buffer switching rate in MHz
fp
= Average output buffer switching rate in MHz
fq1
= Average first routed array clock rate in MHz
fq2
= Average second routed array clock rate in
MHz
fs1
= Average dedicated array clock rate in MHz
fs2
= Average dedicated I/O clock rate in MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com