Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A14100A-RQ208C Datasheet(PDF) 51 Page - Actel Corporation

Part # A14100A-RQ208C
Description  Accelerator Series FPGAs - ACT 3Family
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A14100A-RQ208C Datasheet(HTML) 51 Page - Actel Corporation

Back Button A14100A-RQ208C Datasheet HTML 47Page - Actel Corporation A14100A-RQ208C Datasheet HTML 48Page - Actel Corporation A14100A-RQ208C Datasheet HTML 49Page - Actel Corporation A14100A-RQ208C Datasheet HTML 50Page - Actel Corporation A14100A-RQ208C Datasheet HTML 51Page - Actel Corporation A14100A-RQ208C Datasheet HTML 52Page - Actel Corporation A14100A-RQ208C Datasheet HTML 53Page - Actel Corporation A14100A-RQ208C Datasheet HTML 54Page - Actel Corporation A14100A-RQ208C Datasheet HTML 55Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 68 page
background image
1-225
Accelerator Series FPGAs – ACT ™ 3 Family
Notes:
1.
All unlisted pin numbers are user I/Os.
2.
NC : Denotes No Connection
3.
MODE should be terminated to GND through a 10K resistor to enable Actionprobe usage; otherwise it can be terminated directly to GND.
208-Pin PQFP, RQFP
Pin Number
A1460
A14V60
Function
A14100
A14V100
Function
Pin Number
A1460
A14V60
Function
A14100
A14V100
Function
1
GND
GND
115
VCC
VCC
2
SDI, I/O
SDI, I/O
116
NC
I/O
11
MODE
MODE
129
GND
GND
12
VCC
VCC
130
VCC
VCC
25
VCC
VCC
131
GND
GND
26
GND
GND
132
VCC
VCC
27
VCC
VCC
145
VCC
VCC
28
GND
GND
146
GND
GND
40
VCC
VCC
147
NC
I/O
41
VCC
VCC
148
VCC
VCC
52
GND
GND
156
IOCLK, I/O
IOCLK, I/O
53
NC
I/O
157
GND
GND
60
VCC
VCC
158
NC
I/O
65
NC
I/O
164
VCC
VCC
76
PRB, I/O
PRB, I/O
180
CLKA, I/O
CLKA, I/O
77
GND
GND
181
CLKB, I/O
CLKB, I/O
78
VCC
VCC
182
VCC
VCC
79
GND
GND
183
GND
GND
80
VCC
VCC
184
VCC
VCC
82
HCLK, I/O
HCLK, I/O
185
GND
GND
98
VCC
VCC
186
PRA, I/O
PRA, I/O
102
NC
I/O
195
NC
I/O
104
IOPCL, I/O
IOPCL, I/O
201
VCC
VCC
105
GND
GND
205
NC
I/O
114
VCC
VCC
208
DCLK, I/O
DCLK, I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com