Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A14100A-RQ208C Datasheet(PDF) 45 Page - Actel Corporation

Part # A14100A-RQ208C
Description  Accelerator Series FPGAs - ACT 3Family
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A14100A-RQ208C Datasheet(HTML) 45 Page - Actel Corporation

Back Button A14100A-RQ208C Datasheet HTML 41Page - Actel Corporation A14100A-RQ208C Datasheet HTML 42Page - Actel Corporation A14100A-RQ208C Datasheet HTML 43Page - Actel Corporation A14100A-RQ208C Datasheet HTML 44Page - Actel Corporation A14100A-RQ208C Datasheet HTML 45Page - Actel Corporation A14100A-RQ208C Datasheet HTML 46Page - Actel Corporation A14100A-RQ208C Datasheet HTML 47Page - Actel Corporation A14100A-RQ208C Datasheet HTML 48Page - Actel Corporation A14100A-RQ208C Datasheet HTML 49Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 68 page
background image
1-219
Accelerator Series FPGAs – ACT ™ 3 Family
Package Pin Assignments
100-Pin PQFP (Top View)
Notes:
1.
All unlisted pin numbers are user I/Os.
2.
NC : Denotes No Connection
3.
MODE should be terminated to GND through a 10K resistor to enable Actionprobe usage; otherwise it can be terminated directly to GND.
100-Pin
PQFP
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51
1
2
3
4 5
6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30
Pin Number
A1415 Function
A1425 Function
Pin Number
A1415 Function
A1425 Function
2
IOCLK, I/O
IOCLK, I/O
48
VCC
VCC
14
CLKA, I/O
CLKA, I/O
61
PRB, I/O
PRB, I/O
15
CLKB, I/O
CLKB, I/O
62
GND
GND
16
VCC
VCC
63
VCC
VCC
17
GND
GND
64
GND
GND
18
VCC
VCC
65
VCC
VCC
19
GND
GND
67
HCLK, I/O
HCLK, I/O
20
PRA, I/O
PRA, I/O
78
IOPCL, I/O
IOPCL, I/O
27
DCLK, I/O
DCLK, I/O
79
GND
GND
28
GND
GND
85
VCC
VCC
29
SDI, I/O
SDI, I/O
86
VCC
VCC
34
MODE
MODE
87
GND
GND
35
VCC
VCC
96
VCC
VCC
36
GND
GND
97
GND
GND
47
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com