Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A14100A-RQ208C Datasheet(PDF) 16 Page - Actel Corporation

Part # A14100A-RQ208C
Description  Accelerator Series FPGAs - ACT 3Family
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A14100A-RQ208C Datasheet(HTML) 16 Page - Actel Corporation

Back Button A14100A-RQ208C Datasheet HTML 12Page - Actel Corporation A14100A-RQ208C Datasheet HTML 13Page - Actel Corporation A14100A-RQ208C Datasheet HTML 14Page - Actel Corporation A14100A-RQ208C Datasheet HTML 15Page - Actel Corporation A14100A-RQ208C Datasheet HTML 16Page - Actel Corporation A14100A-RQ208C Datasheet HTML 17Page - Actel Corporation A14100A-RQ208C Datasheet HTML 18Page - Actel Corporation A14100A-RQ208C Datasheet HTML 19Page - Actel Corporation A14100A-RQ208C Datasheet HTML 20Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 68 page
background image
1-190
Package Thermal Characteristics
The device junction to case thermal characteristic is
θjc, and
the junction to ambient air characteristic is
θja. The thermal
characteristics for
θja are shown with two different air flow
rates.
Maximum junction temperature is 150
°C.
A sample calculation of the absolute maximum power
dissipation allowed for a CPGA 175-pin package at
commercial temperature and still air is as follows:
Power Dissipation
P = [ICC standby+ Iactive] * VCC + IOL * VOL * N + IOH *
(VCC – VOH) * M
(1)
Where:
ICC standby is the current flowing when no inputs or
outputs are changing.
Iactive is the current flowing due to CMOS switching.
IOL, IOH are TTL sink/source currents.
VOL, VOH are TTL level output voltages.
N equals the number of outputs driving TTL loads to
VOL.
M equals the number of outputs driving TTL loads to
VOH.
An accurate determination of N and M is problematical
because their values depend on the design and on the system
I/O. The power can be divided into two components: static
and active.
Static Power Component
Actel FPGAs have small static power components that result
in lower power dissipation than PALs or PLDs. By integrating
multiple PALs/PLDs into one FPGA, an even greater
reduction in board-level power dissipation can be achieved.
The power due to standby current is typically a small
component of the overall power. Standby power is calculated
below for commercial, worst case conditions.
The static power dissipated by TTL loads depends on the
number of outputs driving high or low and the DC load
current. Again, this value is typically small. For instance, a
32-bit bus sinking 4 mA at 0.33 V will generate 42 mW with all
outputs driving low, and 140 mW with all outputs driving high.
The actual dissipation will average somewhere between as
I/Os switch states with time.
Package Type1
Pin Count
θjc
θja
Still Air
θja
300 ft/min
Units
Ceramic Pin Grid Array
100
133
175
207
257
20
20
20
20
20
35
30
25
22
15
17
15
14
13
8
°C/W
°C/W
°C/W
°C/W
°C/W
Ceramic Quad Flatpack
132
196
256
13
13
13
55
36
30
30
24
18
°C/W
°C/W
°C/W
Plastic Quad Flatpack
100
160
208
13
10
10
51
33
33
40
26
26
°C/W
°C/W
°C/W
Very Thin Quad Flatpack
100
12
43
35
°C/W
Thin Quad Flatpack
176
11
32
25
°C/W
Power Quad Flatpack
208
0.4
17
13
°C/W
Plastic Leaded Chip Carrier
84
12
37
28
°C/W
Plastic Ball Grid Array
225
313
10
10
25
23
19
17
°C/W
°C/W
Note:
1.
Maximum Power Dissipation in Still Air for 160-pin PQFP package is 2.4 Watts, 208-pin PQFP package is 2.4 Watts, 100-pin PQFP package
is 1.6 Watts, 100-pin VQFP package is 1.9 Watts, 176-pin TQFP package is 2.5 Watts, 84-pin PLCC package is 2.2 Watts, 208-pin RQFP
package is 4.7 Watts, 225-pin BGA package is 3.2 Watts, 313-pin BGA package is 3.5 Watts.
Absolute Maximum Power Allowed
Max. junction temp. (
°C) – Max. ambient temp. (°C)
θja (°C/W)
------------------------------------------------------------------------------------------------------------------------------
150
°C – 70°C
25
°C/W
---------------------------------
3.2 W
=
=
=
ICC
VCC
Power
2mA
5.25 V
10.5 mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com