Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A14100A-RQ208C Datasheet(PDF) 12 Page - Actel Corporation

Part # A14100A-RQ208C
Description  Accelerator Series FPGAs - ACT 3Family
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A14100A-RQ208C Datasheet(HTML) 12 Page - Actel Corporation

Back Button A14100A-RQ208C Datasheet HTML 8Page - Actel Corporation A14100A-RQ208C Datasheet HTML 9Page - Actel Corporation A14100A-RQ208C Datasheet HTML 10Page - Actel Corporation A14100A-RQ208C Datasheet HTML 11Page - Actel Corporation A14100A-RQ208C Datasheet HTML 12Page - Actel Corporation A14100A-RQ208C Datasheet HTML 13Page - Actel Corporation A14100A-RQ208C Datasheet HTML 14Page - Actel Corporation A14100A-RQ208C Datasheet HTML 15Page - Actel Corporation A14100A-RQ208C Datasheet HTML 16Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 68 page
background image
1-186
Antifuse Connections
An antifuse is a “normally open” structure as opposed to the
normally closed fuse structure used in PROMs or PALs. The
use of antifuses to implement a programmable logic device
results in highly testable structures as well as an efficient
programming architecture. The structure is highly testable
because there are no preexisting connections; temporary
connections can be made using pass transistors. These
temporary connections can isolate individual antifuses to be
programmed as well as isolate individual circuit structures to
be tested. This can be done both before and after
programming. For example, all metal tracks can be tested for
continuity and shorts between adjacent tracks, and the
functionality of all logic modules can be verified.
Four types of antifuse connections are used in the routing
structure of the ACT 3 array. (The physical structure of the
antifuse is identical in each case; only the usage differs.)
Table 1 shows four types of antifuses.
Examples of all four types of connections are shown in
Figures 7 and 8.
Module Interface
Connections to Logic and I/O modules are made through
vertical segments that connect to the module inputs and
outputs. These vertical segments lie on vertical tracks that
span the entire height of the array.
Module Input Connections
The tracks dedicated to module inputs are segmented by pass
transistors in each module row. During normal user
operation, the pass transistors are inactive, which isolates the
inputs of a module from the inputs of the module directly
above or below it. During certain test modes, the pass
transistors are active to verify the continuity of the metal
tracks. Vertical input segments span only the channel above
or the channel below. The logic modules are arranged such
that half of the inputs are connected to the channel above
and half of the inputs to segments in the channel below as
shown in Figure 9.
Module Output Connections
Module outputs have dedicated output segments. Output
segments extend vertically two channels above and two
channels below, except at the top or bottom of the array.
Output segments twist, as shown in Figure 10, so that only
four vertical tracks are required.
LVT Connections
Outputs may also connect to nondedicated segments called
Long Vertical Tracks (LVTs). Each module pair in the array
shares four LVTs that span the length of the column. Any
module in the column pair can connect to one of the LVTs in
the column using an FF connection. The FF connection uses
antifuses connected directly to the driver stage of the module
output, bypassing the isolation transistor. FF antifuses are
programmed at a higher current level than HF, VF, or XF
antifuses to produce a lower resistance value.
Antifuse Connections
In general every intersection of a vertical segment and a
horizontal segment contains an unprogrammed antifuse
(XF-type). One exception is in the case of the clock networks.
Clock Connections
To minimize loading on the clock networks, a subset of inputs
has antifuses on the clock tracks. Only a few of the C-module
and S-module inputs can be connected to the clock networks.
To further reduce loading on the clock network, only a subset
of the horizontal routing tracks can connect to the clock
inputs of the S-module.
Programming and Test Circuits
The array of logic and I/O modules is surrounded by test and
programming circuits controlled by the temporary special I/O
pins MODE, SDI, and DCLK. The function of these pins is
similar to all ACT family devices. The ACT 3 family also
includes support for two Actionprobe® circuits allowing
complete observability of any logic or I/O module in the array
using the temporary special I/O pins, PRA and PRB.
Table 1 • Antifuse Types
XF
Horizontal-to-Vertical Connection
HF
Horizontal-to-Horizontal Connection
VF
Vertical-to-Vertical Connection
FF
“Fast” Vertical Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com