Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A14100A-RQ208C Datasheet(PDF) 35 Page - Actel Corporation

Part # A14100A-RQ208C
Description  Accelerator Series FPGAs - ACT 3Family
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A14100A-RQ208C Datasheet(HTML) 35 Page - Actel Corporation

Back Button A14100A-RQ208C Datasheet HTML 31Page - Actel Corporation A14100A-RQ208C Datasheet HTML 32Page - Actel Corporation A14100A-RQ208C Datasheet HTML 33Page - Actel Corporation A14100A-RQ208C Datasheet HTML 34Page - Actel Corporation A14100A-RQ208C Datasheet HTML 35Page - Actel Corporation A14100A-RQ208C Datasheet HTML 36Page - Actel Corporation A14100A-RQ208C Datasheet HTML 37Page - Actel Corporation A14100A-RQ208C Datasheet HTML 38Page - Actel Corporation A14100A-RQ208C Datasheet HTML 39Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 68 page
background image
1-209
Accelerator Series FPGAs – ACT 3 Family
A1440A, A14V40A Timing Characteristics (continued)
(Worst-Case Commercial Conditions)
Note:
1.
Delays based on 35pF loading.
I/O Module – TTL Output Timing1
‘–3’ Speed
‘–2’ Speed
‘–1’ Speed
‘Std’ Speed
3.3V Speed
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max. Units
tDHS
Data to Pad, High Slew
5.0
5.6
6.4
7.5
9.8
ns
tDLS
Data to Pad, Low Slew
8.0
9.0
10.2
12.0
15.6
ns
tENZHS
Enable to Pad, Z to H/L,
Hi Slew
4.0
4.5
5.1
6.0
7.8
ns
tENZLS
Enable to Pad, Z to H/L,
Lo Slew
7.4
8.3
9.4
11.0
14.3
ns
tENHSZ
Enable to Pad, H/L to Z,
Hi Slew
7.4
8.3
9.4
11.0
14.3
ns
tENLSZ
Enable to Pad, H/L to Z,
Lo Slew
7.4
8.3
9.4
11.0
14.3
ns
tCKHS
IOCLK Pad to Pad H/L,
Hi Slew
8.5
8.5
9.5
11.0
14.3
ns
tCKLS
IOCLK Pad to Pad H/L,
Lo Slew
11.3
11.3
13.5
15.0
19.5
ns
dTLHHS
Delta Low to High, Hi Slew
0.02
0.02
0.03
0.03
0.04
ns/pF
dTLHLS
Delta Low to High, Lo Slew
0.05
0.05
0.06
0.07
0.09
ns/pF
dTHLHS
Delta High to Low, Hi Slew
0.04
0.04
0.04
0.05
0.07
ns/pF
dTHLLS
Delta High to Low, Lo Slew
0.05
0.05
0.06
0.07
0.09
ns/pF
I/O Module – CMOS Output Timing1
tDHS
Data to Pad, High Slew
6.2
7.0
7.9
9.3
12.1
ns
tDLS
Data to Pad, Low Slew
11.7
13.1
14.9
17.5
22.8
ns
tENZHS
Enable to Pad, Z to H/L,
Hi Slew
5.2
5.9
6.6
7.8
10.1
ns
tENZLS
Enable to Pad, Z to H/L,
Lo Slew
8.9
10.0
11.3
13.3
17.3
ns
tENHSZ
Enable to Pad, H/L to Z,
Hi Slew
7.4
8.3
9.4
11.0
14.3
ns
tENLSZ
Enable to Pad, H/L to Z,
Lo Slew
7.4
8.3
9.4
11.0
14.3
ns
tCKHS
IOCLK Pad to Pad H/L,
Hi Slew
9.0
9.0
10.1
11.8
14.3
ns
tCKLS
IOCLK Pad to Pad H/L,
Lo Slew
13.0
13.0
15.6
17.3
22.5
ns
dTLHHS
Delta Low to High, Hi Slew
0.04
0.04
0.05
0.06
0.08
ns/pF
dTLHLS
Delta Low to High, Lo Slew
0.07
0.08
0.09
0.11
0.14
ns/pF
dTHLHS
Delta High to Low, Hi Slew
0.03
0.03
0.03
0.04
0.05
ns/pF
dTHLLS
Delta High to Low, Lo Slew
0.04
0.04
0.04
0.05
0.07
ns/pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com