Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A14100A-RQ208C Datasheet(PDF) 57 Page - Actel Corporation

Part # A14100A-RQ208C
Description  Accelerator Series FPGAs - ACT 3Family
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A14100A-RQ208C Datasheet(HTML) 57 Page - Actel Corporation

Back Button A14100A-RQ208C Datasheet HTML 53Page - Actel Corporation A14100A-RQ208C Datasheet HTML 54Page - Actel Corporation A14100A-RQ208C Datasheet HTML 55Page - Actel Corporation A14100A-RQ208C Datasheet HTML 56Page - Actel Corporation A14100A-RQ208C Datasheet HTML 57Page - Actel Corporation A14100A-RQ208C Datasheet HTML 58Page - Actel Corporation A14100A-RQ208C Datasheet HTML 59Page - Actel Corporation A14100A-RQ208C Datasheet HTML 60Page - Actel Corporation A14100A-RQ208C Datasheet HTML 61Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 68 page
background image
1-231
Accelerator Series FPGAs – ACT ™ 3 Family
Notes:
1.
All unlisted pin numbers are user I/Os.
2.
NC : Denotes No Connection
3.
MODE should be terminated to GND through a 10K resistor to enable Actionprobe usage; otherwise it can be terminated directly to GND.
132-Pin CQFP
Pin Number
A1425 Function
Pin Number
A1425 Function
1
NC
74
GND
2
GND
75
VCC
3
SDI, I/O
78
VCC
9
MODE
89
VCC
10
GND
90
GND
11
VCC
91
VCC
22
VCC
92
GND
26
GND
98
IOCLK, I/O
27
VCC
99
NC
34
NC
100
NC
36
GND
101
GND
42
GND
106
GND
43
VCC
107
VCC
48
PRB, I/O
116
CLKA, I/O
50
HCLK, I/O
117
CLKB, I/O
58
GND
118
PRA, I/O
59
VCC
122
GND
64
IOPCL, I/O
123
VCC
65
GND
131
DCLK, I/O
66
NC
132
NC
67
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com