Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A14100A-RQ208C Datasheet(PDF) 19 Page - Actel Corporation

Part # A14100A-RQ208C
Description  Accelerator Series FPGAs - ACT 3Family
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A14100A-RQ208C Datasheet(HTML) 19 Page - Actel Corporation

Back Button A14100A-RQ208C Datasheet HTML 15Page - Actel Corporation A14100A-RQ208C Datasheet HTML 16Page - Actel Corporation A14100A-RQ208C Datasheet HTML 17Page - Actel Corporation A14100A-RQ208C Datasheet HTML 18Page - Actel Corporation A14100A-RQ208C Datasheet HTML 19Page - Actel Corporation A14100A-RQ208C Datasheet HTML 20Page - Actel Corporation A14100A-RQ208C Datasheet HTML 21Page - Actel Corporation A14100A-RQ208C Datasheet HTML 22Page - Actel Corporation A14100A-RQ208C Datasheet HTML 23Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 68 page
background image
1-193
Accelerator Series FPGAs – ACT 3 Family
ACT 3 Timing Model*
*Values shown for A1425A-3.
Output Delays
Internal Delays
Input Delays
tINH = 0.0 ns
tINSU = 1.8 ns
I/O CLOCK
I/O Module
D
Q
tICKY = 4.7 ns
FIOMAX = 250 MHz
tINY = 2.8 ns
tIRD2 = 1.2 ns
Combinatorial
Logic Module
tPD = 2.0 ns
Sequential
Logic Module
I/O Module
tRD1 = 0.9 ns
tDHS = 5.0 ns
I/O Module
ARRAY
CLOCK
FHMAX = 250 MHz
Combin-
atorial
Logic
included
in tSUD
D
Q
D
Q
tOUTH = 0.7 ns
tOUTSU = 0.7 ns
tDHS = 5.0 ns
tENZHS = 4.0 ns
tRD1 = 0.9 ns
tCO = 2.0 ns
tSUD = 0.5 ns
tHD = 0.0 ns
tRD4 = 1.7 ns
tRD8 = 2.8 ns
Predicted
Routing
Delays
tHCKH = 3.0 ns
tCKHS = 7.5 ns
(pad-pad)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com