Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A14100A-RQ208C Datasheet(PDF) 30 Page - Actel Corporation

Part # A14100A-RQ208C
Description  Accelerator Series FPGAs - ACT 3Family
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A14100A-RQ208C Datasheet(HTML) 30 Page - Actel Corporation

Back Button A14100A-RQ208C Datasheet HTML 26Page - Actel Corporation A14100A-RQ208C Datasheet HTML 27Page - Actel Corporation A14100A-RQ208C Datasheet HTML 28Page - Actel Corporation A14100A-RQ208C Datasheet HTML 29Page - Actel Corporation A14100A-RQ208C Datasheet HTML 30Page - Actel Corporation A14100A-RQ208C Datasheet HTML 31Page - Actel Corporation A14100A-RQ208C Datasheet HTML 32Page - Actel Corporation A14100A-RQ208C Datasheet HTML 33Page - Actel Corporation A14100A-RQ208C Datasheet HTML 34Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 68 page
background image
1-204
A1425A, A14V25A Timing Characteristics (continued)
(Worst-Case Commercial Conditions)
Note:
1.
Routing delays are for typical designs across worst-case operating conditions. These parameters should be used for estimating device
performance. Post-route timing analysis or simulation is required to determine actual worst-case performance. Post-route timing is based
on actual routing delay measurements performed on the device prior to shipment.
I/O Module Input Propagation Delays
‘–3’ Speed
‘–2’ Speed
‘–1’ Speed
‘Std’ Speed
3.3V Speed
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max. Units
tINY
Input Data Pad to Y
2.8
3.2
3.6
4.2
5.5
ns
tICKY
Input Reg IOCLK Pad to Y
4.7
5.3
6.0
7.0
9.2
ns
tOCKY
Output Reg IOCLK Pad to Y
4.7
5.3
6.0
7.0
9.2
ns
tICLRY
Input Asynchronous
Clear to Y
4.7
5.3
6.0
7.0
9.2
ns
tOCLRY
Output Asynchronous
Clear to Y
4.7
5.3
6.0
7.0
9.2
ns
Predicted Input Routing Delays1
tIRD1
FO=1 Routing Delay
0.9
1.0
1.1
1.3
1.7
ns
tIRD2
FO=2 Routing Delay
1.2
1.4
1.6
1.8
2.4
ns
tIRD3
FO=3 Routing Delay
1.4
1.6
1.8
2.1
2.8
ns
tIRD4
FO=4 Routing Delay
1.7
1.9
2.2
2.5
3.3
ns
tIRD8
FO=8 Routing Delay
2.8
3.2
3.6
4.2
5.5
ns
I/O Module Sequential Timing
tINH
Input F-F Data Hold
(w.r.t. IOCLK Pad)
0.0
0.0
0.0
0.0
0.0
ns
tINSU
Input F-F Data Setup
(w.r.t. IOCLK Pad)
1.8
2.0
2.3
2.7
3.0
ns
tIDEH
Input Data Enable Hold
(w.r.t. IOCLK Pad)
0.0
0.0
0.0
0.0
0.0
ns
tIDESU
Input Data Enable Setup
(w.r.t. IOCLK Pad)
5.8
6.5
7.5
8.6
8.6
ns
tOUTH
Output F-F Data Hold
(w.r.t. IOCLK Pad)
0.7
0.8
0.9
1.0
1.0
ns
tOUTSU
Output F-F Data Setup
(w.r.t. IOCLK Pad)
0.7
0.8
0.9
1.0
1.0
ns
tODEH
Output Data Enable Hold
(w.r.t. IOCLK Pad)
0.3
0.4
0.4
0.5
0.5
ns
tODESU
Output Data Enable Setup
(w.r.t. IOCLK Pad)
1.3
1.5
1.7
2.0
2.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com