Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A14100A-RQ208C Datasheet(PDF) 61 Page - Actel Corporation

Part # A14100A-RQ208C
Description  Accelerator Series FPGAs - ACT 3Family
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A14100A-RQ208C Datasheet(HTML) 61 Page - Actel Corporation

Back Button A14100A-RQ208C Datasheet HTML 57Page - Actel Corporation A14100A-RQ208C Datasheet HTML 58Page - Actel Corporation A14100A-RQ208C Datasheet HTML 59Page - Actel Corporation A14100A-RQ208C Datasheet HTML 60Page - Actel Corporation A14100A-RQ208C Datasheet HTML 61Page - Actel Corporation A14100A-RQ208C Datasheet HTML 62Page - Actel Corporation A14100A-RQ208C Datasheet HTML 63Page - Actel Corporation A14100A-RQ208C Datasheet HTML 64Page - Actel Corporation A14100A-RQ208C Datasheet HTML 65Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 68 page
background image
1-235
Accelerator Series FPGAs – ACT ™ 3 Family
Notes:
1.
All unlisted pin numbers are user I/Os.
2.
NC: Denotes No Connection
3.
MODE should be terminated to GND through a 10K resistor to enable Actionprobe usage; otherwise it can be terminated directly to GND.
256-Pin CQFP
Pin Number
A14100 Function
Pin Number
A14100 Function
1
GND
158
GND
2
SDI, I/O
159
VCC
11
MODE
160
GND
28
VCC
161
VCC
29
GND
174
VCC
30
VCC
175
GND
31
GND
176
GND
46
VCC
188
IOCLK, I/O
59
GND
189
GND
90
PRB, I/O
219
CLKA, I/O
91
GND
220
CLKB, I/O
92
VCC
221
VCC
93
GND
222
GND
94
VCC
223
VCC
96
HCLK, I/O
224
GND
110
GND
225
PRA, I/O
127
IOPCL, I/O
240
GND
128
GND
256
DCLK, I/O
141
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com