Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A14100A-RQ208C Datasheet(PDF) 24 Page - Actel Corporation

Part # A14100A-RQ208C
Description  Accelerator Series FPGAs - ACT 3Family
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A14100A-RQ208C Datasheet(HTML) 24 Page - Actel Corporation

Back Button A14100A-RQ208C Datasheet HTML 20Page - Actel Corporation A14100A-RQ208C Datasheet HTML 21Page - Actel Corporation A14100A-RQ208C Datasheet HTML 22Page - Actel Corporation A14100A-RQ208C Datasheet HTML 23Page - Actel Corporation A14100A-RQ208C Datasheet HTML 24Page - Actel Corporation A14100A-RQ208C Datasheet HTML 25Page - Actel Corporation A14100A-RQ208C Datasheet HTML 26Page - Actel Corporation A14100A-RQ208C Datasheet HTML 27Page - Actel Corporation A14100A-RQ208C Datasheet HTML 28Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 68 page
background image
1-198
Timing Derating Factor (Temperature and Voltage)
Timing Derating Factor for Designs at Typical Temperature (T J = 25°C)
and Voltage (5.0 V)
Temperature and Voltage Derating Factors
(normalized to Worst-Case Commercial, T J = 4.75 V, 70°C)
Note:
This derating factor applies to all routing and propagation dealys.
Industrial
Military
Min.
Max.
Min.
Max.
(Commercial Minimum/Maximum Specification) x
0.66
1.07
0.63
1.17
(Commercial Maximum Specification) x
0.85
–55
–40
0
25
70
85
125
4.50
0.72
0.76
0.85
0.90
1.04
1.07
1.17
4.75
0.70
0.73
0.82
0.87
1.00
1.03
1.12
5.00
0.68
0.71
0.79
0.84
0.97
1.00
1.09
5.25
0.66
0.69
0.77
0.82
0.94
0.97
1.06
5.50
0.63
0.66
0.74
0.79
0.90
0.93
1.01
Junction Temperature and Voltage Derating Curves
(normalized to Worst-Case Commercial, TJ = 4.75 V, 70°C)
Voltage (V)
0.60
0.70
0.80
0.90
1.00
1.10
1.20
4.50
4.75
5.00
5.25
5.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com