Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A14100A-RQ208C Datasheet(PDF) 49 Page - Actel Corporation

Part # A14100A-RQ208C
Description  Accelerator Series FPGAs - ACT 3Family
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A14100A-RQ208C Datasheet(HTML) 49 Page - Actel Corporation

Back Button A14100A-RQ208C Datasheet HTML 45Page - Actel Corporation A14100A-RQ208C Datasheet HTML 46Page - Actel Corporation A14100A-RQ208C Datasheet HTML 47Page - Actel Corporation A14100A-RQ208C Datasheet HTML 48Page - Actel Corporation A14100A-RQ208C Datasheet HTML 49Page - Actel Corporation A14100A-RQ208C Datasheet HTML 50Page - Actel Corporation A14100A-RQ208C Datasheet HTML 51Page - Actel Corporation A14100A-RQ208C Datasheet HTML 52Page - Actel Corporation A14100A-RQ208C Datasheet HTML 53Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
1-223
Accelerator Series FPGAs – ACT 3 Family
Notes:
1.
All unlisted pin numbers are user I/Os.
2.
NC : Denotes No Connection
3.
MODE should be terminated to GND through a 10K resistor to enable Actionprobe usage; otherwise it can be terminated directly to GND.
160-Pin PQFP
Pin
Number
A1425
A14V25
Function
A1440
A14V40
Function
A1460
A14V60
Function
Pin
Number
A1425
A14V25
Function
A1440
A14V40
Function
A1460
A14V60
Function
1
GND
GND
GND
90
VCC
VCC
VCC
2
SDI, I/O
SDI, I/O
SDI, I/O
91
VCC
VCC
VCC
5
NC
I/O
I/O
92
NC
I/O
I/O
9
MODE
MODE
MODE
93
NC
I/O
I/O
10
VCC
VCC
VCC
98
GND
GND
GND
14
NC
I/O
I/O
99
VCC
VCC
VCC
15
GND
GND
GND
100
NC
I/O
I/O
18
VCC
VCC
VCC
103
GND
GND
GND
19
GND
GND
GND
107
NC
I/O
I/O
20
NC
I/O
I/O
109
NC
I/O
I/O
24
NC
I/O
I/O
110
VCC
VCC
VCC
27
NC
I/O
I/O
111
GND
GND
GND
28
VCC
VCC
VCC
112
VCC
VCC
VCC
29
VCC
VCC
VCC
113
NC
I/O
I/O
40
GND
GND
GND
119
NC
I/O
I/O
41
NC
I/O
I/O
120
IOCLK, I/O
IOCLK, I/O
IOCLK, I/O
43
NC
I/O
I/O
121
GND
GND
GND
45
NC
I/O
I/O
124
NC
I/O
I/O
46
VCC
VCC
VCC
127
NC
I/O
I/O
47
NC
I/O
I/O
136
CLKA, I/O
CLKA, I/O
CLKA, I/O
49
NC
I/O
I/O
137
CLKB, I/O
CLKB, I/O
CLKB, I/O
51
NC
I/O
I/O
138
VCC
VCC
VCC
53
NC
I/O
I/O
139
GND
GND
GND
58
PRB, I/O
PRB, I/O
PRB, I/O
140
VCC
VCC
VCC
59
GND
GND
GND
141
GND
GND
GND
60
VCC
VCC
VCC
142
PRA, I/O
PRA, I/O
PRA, I/O
62
HCLK, I/O
HCLK, I/O
HCLK, I/O
143
NC
I/O
I/O
63
GND
GND
GND
145
NC
I/O
I/O
74
NC
I/O
I/O
147
NC
I/O
I/O
75
VCC
VCC
VCC
149
NC
I/O
I/O
76
NC
I/O
I/O
151
NC
I/O
I/O
77
NC
I/O
I/O
153
NC
I/O
I/O
78
NC
I/O
I/O
154
VCC
VCC
VCC
80
IOPCL, I/O
IOPCL, I/O
IOPCL, I/O
160
DCLK, I/O
DCLK, I/O
DCLK, I/O
81
GND
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com