Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2919/01 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # LPC2919/01
Description  ARM9 microcontroller with CAN and LIN
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2919/01 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button LPC2919/01 Datasheet HTML 16Page - NXP Semiconductors LPC2919/01 Datasheet HTML 17Page - NXP Semiconductors LPC2919/01 Datasheet HTML 18Page - NXP Semiconductors LPC2919/01 Datasheet HTML 19Page - NXP Semiconductors LPC2919/01 Datasheet HTML 20Page - NXP Semiconductors LPC2919/01 Datasheet HTML 21Page - NXP Semiconductors LPC2919/01 Datasheet HTML 22Page - NXP Semiconductors LPC2919/01 Datasheet HTML 23Page - NXP Semiconductors LPC2919/01 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 86 page
background image
LPC2917_19_01_2
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 02 — 17 June 2009
20 of 86
NXP Semiconductors
LPC2917/01; LPC2919/01
ARM9 microcontroller with CAN and LIN
6.8 Flash memory controller
The flash memory has a 128-bit wide data interface and the flash controller offers two
128-bit buffer lines to improve system performance. The flash has to be programmed
initially via JTAG. In-system programming must be supported by the bootloader.
In-application programming is possible. Flash memory contents can be protected by
disabling JTAG access. Suspension of burning or erasing is not supported.
The Flash Memory Controller (FMC) interfaces to the embedded flash memory for two
tasks:
• Memory data transfer
• Memory configuration via triggering, programming, and erasing
The key features are:
• Programming by CPU via AHB
• Programming by external programmer via JTAG
• JTAG access protection
• Burn-finished and erase-finished interrupt
6.8.1 Functional description
After reset, flash initialization is started, which takes tinit time (see Section 9). During this
initialization, flash access is not possible and AHB transfers to flash are stalled, blocking
the AHB bus.
During flash initialization, the index sector is read to identify the status of the JTAG access
protection and sector security. If JTAG access protection is active, the flash is not
accessible via JTAG. In this case, ARM debug facilities are disabled and flash-memory
contents cannot be read. If sector security is active, only the unsecured sections can be
read.
Flash can be read synchronously or asynchronously to the system clock. In synchronous
operation, the flash goes into standby after returning the read data. Started reads cannot
be stopped, and speculative reading and dual buffering are therefore not supported.
With asynchronous reading, transfer of the address to the flash and of read data from the
flash is done asynchronously, giving the fastest possible response time. Started reads can
be stopped, so speculative reading and dual buffering are supported.
Buffering is offered because the flash has a 128-bit wide data interface while the AHB
interface has only 32 bits. With buffering a buffer line holds the complete 128-bit flash
word, from which four words can be read. Without buffering every AHB data port read
starts a flash read. A flash read is a slow process compared to the minimum AHB cycle
time, so with buffering the average read time is reduced. This can improve system
performance.
With single buffering, the most recently read flash word remains available until the next
flash read. When an AHB data-port read transfer requires data from the same flash word
as the previous read transfer, no new flash read is done and the read data is given without
wait cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com