Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2919/01 Datasheet(PDF) 72 Page - NXP Semiconductors

Part # LPC2919/01
Description  ARM9 microcontroller with CAN and LIN
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2919/01 Datasheet(HTML) 72 Page - NXP Semiconductors

Back Button LPC2919/01 Datasheet HTML 68Page - NXP Semiconductors LPC2919/01 Datasheet HTML 69Page - NXP Semiconductors LPC2919/01 Datasheet HTML 70Page - NXP Semiconductors LPC2919/01 Datasheet HTML 71Page - NXP Semiconductors LPC2919/01 Datasheet HTML 72Page - NXP Semiconductors LPC2919/01 Datasheet HTML 73Page - NXP Semiconductors LPC2919/01 Datasheet HTML 74Page - NXP Semiconductors LPC2919/01 Datasheet HTML 75Page - NXP Semiconductors LPC2919/01 Datasheet HTML 76Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 86 page
background image
LPC2917_19_01_2
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 02 — 17 June 2009
72 of 86
NXP Semiconductors
LPC2917/01; LPC2919/01
ARM9 microcontroller with CAN and LIN
9.5 Dynamic characteristics: external static memory
[1]
All parameters are guaranteed over the virtual junction temperature range by design. Pre-testing is performed at Tamb =85 °C ambient
temperature on wafer level. Cased products are tested at Tamb =25 °C (final testing). Both pre-testing and final testing use correlated
test conditions to cover the specified temperature and power supply voltage range.
[2]
When the byte lane select signals are used to connect the write enable input (8 bit devices), tCSHBLSH = −0.5 × TCLCL.
[3]
When the byte lane select signals are used to connect the write enable input (8 bit devices), tCSLBLSL = tCSLWEL.
[4]
For 16 and 32 bit devices.
Table 40.
External static memory interface dynamic characteristics
VDD(CORE) =VDD(OSC_PLL); VDD(IO) = 2.7 V to 3.6 V; VDDA(ADC3V3) = 3.0 V to 3.6 V; all voltages are measured with respect to
ground.[1]
Symbol
Parameter
Conditions
Min
Typ
Max Unit
TCLCL
clock cycle time
8
-
100
ns
ta(R)int
internal read access time
-
-
20.5 ns
ta(W)int
internal write access time
-
-
24.9 ns
Read cycle parameters
tCSLAV
CS LOW to address valid
time
−5
−2.5
-
ns
tOELAV
OE LOW to address valid
time
−5 − WSTOEN × T
CLCL
−2.5 − WSTOEN × T
CLCL
-ns
tCSLOEL
CS LOW to OE LOW time
-
0 + WSTOEN
× T
CLCL
-ns
tsu(DQ)
data input /output set-up
time
11
16
22
ns
th(D)
data input hold time
0
2.5
5
ns
tCSHOEH
CS HIGH to OE HIGH time
-
0
-
ns
tBLSLBLSH BLS LOW to BLS HIGH time
-
(WST1
− WSTOEN +1) ×
TCLCL
-ns
tOELOEH
OE LOW to OE HIGH time
-
(WST1
− WSTOEN +1) ×
TCLCL
-ns
tBLSLAV
BLS LOW to address valid
time
-
0 + WSTOEN
× TCLCL
-ns
Write cycle parameters
tCSHBLSH CS HIGH to BLS HIGH time
[2]
-0
-
ns
tCSLWEL
CS LOW to WE LOW time
-
(WSTWEN + 0.5)
× TCLCL -ns
tCSLBLSL
CS LOW to BLS LOW time
[3]
-
WSTWEN
× TCLCL
-ns
tWELDV
WE LOW to data valid time
-
(WSTWEN + 0.5)
× TCLCL -ns
tCSLDV
CS LOW to data valid time
−0.5
−0.1
0.3
ns
tWELWEH
WE LOW to WE HIGH time
-
(WST2
− WSTWEN +1) ×
TCLCL
-ns
tBLSLBLSH BLS LOW to BLS HIGH time
[4]
-
(WST2 - WSTWEN +2)
×
TCLCL
-ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com