Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2919/01 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # LPC2919/01
Description  ARM9 microcontroller with CAN and LIN
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2919/01 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button LPC2919/01 Datasheet HTML 3Page - NXP Semiconductors LPC2919/01 Datasheet HTML 4Page - NXP Semiconductors LPC2919/01 Datasheet HTML 5Page - NXP Semiconductors LPC2919/01 Datasheet HTML 6Page - NXP Semiconductors LPC2919/01 Datasheet HTML 7Page - NXP Semiconductors LPC2919/01 Datasheet HTML 8Page - NXP Semiconductors LPC2919/01 Datasheet HTML 9Page - NXP Semiconductors LPC2919/01 Datasheet HTML 10Page - NXP Semiconductors LPC2919/01 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 86 page
background image
LPC2917_19_01_2
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 02 — 17 June 2009
7 of 86
NXP Semiconductors
LPC2917/01; LPC2919/01
ARM9 microcontroller with CAN and LIN
VDD(IO)
31
3.3 V power supply for I/O
P1[25]/
PMAT1[0]/
PMAT3[1]
32[1]
GPIO 1, pin 25
PWM1 MAT0
-
PWM3 MAT1
P1[24]/
PMAT0[0]/
PMAT3[0]
33[1]
GPIO 1, pin 24
PWM0 MAT0
-
PWM3 MAT0
P1[23]/
RXD0/CS5
34[1]
GPIO 1, pin 23
UART0 RXD
-
EXTBUS CS5
P1[22]/TXD0/
CS4
35[1]
GPIO 1, pin 22
UART0 TXD
-
EXTBUS CS4
TMS
36[1]
IEEE 1149.1 test mode select, pulled up internally
TCK
37[1]
IEEE 1149.1 test clock
P1[21]/CAP3[3]/
CAP1[3]/D7
38[1]
GPIO 1, pin 21
TIMER3 CAP3
TIMER1 CAP3,
MSCSS PAUSE
EXTBUS D7
P1[20]/CAP3[2]/
SCS0[1]/D6
39[1]
GPIO 1, pin 20
TIMER3 CAP2
SPI0 SCS1
EXTBUS D6
P1[19]/CAP3[1]/
SCS0[2]/D5
40[1]
GPIO 1, pin 19
TIMER3 CAP1
SPI0 SCS2
EXTBUS D5
P1[18]/CAP3[0]/
SDO0/D4
41[1]
GPIO 1, pin 18
TIMER3 CAP0
SPI0 SDO
EXTBUS D4
P1[17]/CAP2[3]/
SDI0/D3
42[1]
GPIO 1, pin 17
TIMER2 CAP3
SPI0 SDI
EXTBUS D3
VSS(IO)
43
ground for I/O
P1[16]/CAP2[2]/
SCK0/D2
44[1]
GPIO 1, pin 16
TIMER2 CAP2
SPI0 SCK
EXTBUS D2
P2[0]/MAT2[0]/
TRAP3/D8
45[1]
GPIO 2, pin 0
TIMER2 MAT0
PWM TRAP3
EXTBUS D8
P2[1]/MAT2[1]/
TRAP2/D9
46[1]
GPIO 2, pin 1
TIMER2 MAT1
PWM TRAP2
EXTBUS D9
P3[10]/SDI2/
PMAT1[4]
47[1]
GPIO 3, pin 10
SPI2 SDI
PWM1 MAT4
-
P3[11]/SCK2/
PMAT1[5]
48[1]
GPIO 3, pin 11
SPI2 SCK
PWM1 MAT5
-
P1[15]/CAP2[1]/
SCS0[0]/D1
49[1]
GPIO 1, pin 15
TIMER2 CAP1
SPI0 SCS0
EXTBUS D1
P1[14]/CAP2[0]/
SCS0[3]/D0
50[1]
GPIO 1, pin 14
TIMER2 CAP0
SPI0 SCS3
EXTBUS D0
P1[13]/SCL1/
EI3/WE
51[1]
GPIO 1, pin 13
EXTINT3
I2C1 SCL
EXTBUS WE
P1[12]/SDA1/
EI2/OE
52[1]
GPIO 1, pin 12
EXTINT2
I2C1 SDA
EXTBUS OE
VDD(IO)
53
3.3 V power supply for I/O
P2[2]/MAT2[2]/
TRAP1/D10
54[1]
GPIO 2, pin 2
TIMER2 MAT2
PWM TRAP1
EXTBUS D10
Table 3.
LQFP144 pin assignment …continued
Pin name
Pin
Description
Default function
Function 1
Function 2
Function 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com