Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2919/01 Datasheet(PDF) 62 Page - NXP Semiconductors

Part # LPC2919/01
Description  ARM9 microcontroller with CAN and LIN
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2919/01 Datasheet(HTML) 62 Page - NXP Semiconductors

Back Button LPC2919/01 Datasheet HTML 58Page - NXP Semiconductors LPC2919/01 Datasheet HTML 59Page - NXP Semiconductors LPC2919/01 Datasheet HTML 60Page - NXP Semiconductors LPC2919/01 Datasheet HTML 61Page - NXP Semiconductors LPC2919/01 Datasheet HTML 62Page - NXP Semiconductors LPC2919/01 Datasheet HTML 63Page - NXP Semiconductors LPC2919/01 Datasheet HTML 64Page - NXP Semiconductors LPC2919/01 Datasheet HTML 65Page - NXP Semiconductors LPC2919/01 Datasheet HTML 66Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 86 page
background image
LPC2917_19_01_2
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 02 — 17 June 2009
62 of 86
NXP Semiconductors
LPC2917/01; LPC2919/01
ARM9 microcontroller with CAN and LIN
[7]
This parameter is not part of production testing or final testing, hence only a typical value is stated. Maximum and minimum values are
based on simulation results.
[8]
The power-up reset has a time filter: VDD(CORE) must be above Vtrip(high) for 2 µs before reset is de-asserted; VDD(CORE) must be below
Vtrip(low) for 11 µs before internal reset is asserted.
[1]
Conditions: VSS(IO) =0V, VDDA(ADC3V3) = 3.3 V.
[2]
The ADC is monotonic, there are no missing codes.
[3]
The differential linearity error (ED) is the difference between the actual step width and the ideal step width. See Figure 17.
[4]
The integral non-linearity (EL(adj)) is the peak difference between the center of the steps of the actual and the ideal transfer curve after
appropriate adjustment of gain and offset errors. See Figure 17.
[5]
The offset error (EO) is the absolute difference between the straight line which fits the actual curve and the straight line which fits the
ideal curve. See Figure 17.
[6]
The gain error (EG) is the relative difference in percent between the straight line fitting the actual transfer curve after removing offset
error, and the straight line which fits the ideal transfer curve. See Figure 17.
[7]
The absolute error (ET) is the maximum difference between the center of the steps of the actual transfer curve of the non-calibrated ADC
and the ideal transfer curve. See Figure 17.
[8]
See Figure 16.
Table 34.
ADC static characteristics
VDDA(ADC3V3) = 3.0 V to 3.6 V; Tamb = −40 °C to +85 °C unless otherwise specified; ADC frequency 4.5 MHz.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VVREFN
voltage on pin VREFN
0
-
VVREFP − 2V
VVREFP
voltage on pin VREFP
VVREFN +2 -
VDDA(ADC3V3)
V
Zi
input impedance
between VVREFN and
VVREFP
4.4
-
-
k
Ω
VIA
analog input voltage
VVREFN
-VVREFP
V
Cia
analog input capacitance
-
-
1
pF
ED
differential linearity error
[1][2][3]
-
±1
LSB
EL(adj)
integral non-linearity
[1][4] --
±2
LSB
EO
offset error
[1][5] --
±3
LSB
EG
gain error
[1][6] --
±0.5
%
ET
absolute error
[1][7] --
±4
LSB
Rvsi
voltage source interface
resistance
[8] -
-
40
k
Ω
Fig 16. Suggested ADC interface - LPC2917/2919/01 ADC1/2 IN[y] pin
LPC2XXX
ADC IN[y]SAMPLE
ADC IN[y]
20 k
Ω
3 pF
5 pF
Rvsi
VSS(IO), VSS(CORE)
VEXT
002aae280



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com