Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2919/01 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # LPC2919/01
Description  ARM9 microcontroller with CAN and LIN
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2919/01 Datasheet(HTML) 4 Page - NXP Semiconductors

  LPC2919/01 Datasheet HTML 1Page - NXP Semiconductors LPC2919/01 Datasheet HTML 2Page - NXP Semiconductors LPC2919/01 Datasheet HTML 3Page - NXP Semiconductors LPC2919/01 Datasheet HTML 4Page - NXP Semiconductors LPC2919/01 Datasheet HTML 5Page - NXP Semiconductors LPC2919/01 Datasheet HTML 6Page - NXP Semiconductors LPC2919/01 Datasheet HTML 7Page - NXP Semiconductors LPC2919/01 Datasheet HTML 8Page - NXP Semiconductors LPC2919/01 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 86 page
background image
LPC2917_19_01_2
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 02 — 17 June 2009
4 of 86
NXP Semiconductors
LPC2917/01; LPC2919/01
ARM9 microcontroller with CAN and LIN
4.
Block diagram
Grey-shaded blocks represent peripherals and memory regions accessible by the GPDMA.
Fig 1.
LPC2917/2919/01 block diagram
002aad959
ARM968E-S
DTCM
16 kB
ITCM
16 kB
TEST/DEBUG
INTERFACE
slave
slave
slave
slave
slave
slave
slave
slave
EXTERNAL STATIC
MEMORY CONTROLLER
GPDMA CONTROLLER
GPDMA REGISTERS
EMBEDDED FLASH
512/768 kB
16 kB
EEPROM
EMBEDDED SRAM 32 kB
SYSTEM CONTROL
TIMER0/1 MTMR
CAN0/1
GLOBAL
ACCEPTANCE
FILTER
LIN0/1
PWM0/1/2/3
3.3 V ADC1/2
EVENT ROUTER
EMBEDDED SRAM 16 kB
GENERAL PURPOSE I/O
PORTS 0/1/2/3
TIMER 0/1/2/3
SPI0/1/2
RS485 UART0/1
WDT
master
master
slave
AHB TO APB
BRIDGE
AHB TO DTL
BRIDGE
VECTORED
INTERRUPT
CONTROLLER
AHB TO DTL
BRIDGE
AHB TO APB
BRIDGE
QUADRATURE
ENCODER
CHIP FEATURE ID
AHB TO APB
BRIDGE
I2C0/1
AHB TO APB
BRIDGE
CLOCK
GENERATION
UNIT CGU0/1
POWER
MANAGEMENT
UNIT
RESET
GENERATION
UNIT
LPC2917/01
LPC2919/01
JTAG
interface
8 kB SRAM
slave
slave
1
× master
2
× slave
AHB
MULTI
LAYER
MATRIX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com