Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2919/01 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # LPC2919/01
Description  ARM9 microcontroller with CAN and LIN
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2919/01 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button LPC2919/01 Datasheet HTML 35Page - NXP Semiconductors LPC2919/01 Datasheet HTML 36Page - NXP Semiconductors LPC2919/01 Datasheet HTML 37Page - NXP Semiconductors LPC2919/01 Datasheet HTML 38Page - NXP Semiconductors LPC2919/01 Datasheet HTML 39Page - NXP Semiconductors LPC2919/01 Datasheet HTML 40Page - NXP Semiconductors LPC2919/01 Datasheet HTML 41Page - NXP Semiconductors LPC2919/01 Datasheet HTML 42Page - NXP Semiconductors LPC2919/01 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 86 page
background image
LPC2917_19_01_2
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 02 — 17 June 2009
39 of 86
NXP Semiconductors
LPC2917/01; LPC2919/01
ARM9 microcontroller with CAN and LIN
6.14.2 Pin description
The pins of the LPC2917/2919/01 MSCSS associated with the two ADC modules are
described in Section 6.14.4.2. Pins connected to the four PWM modules are described in
Section 6.14.5.4, pins directly connected to the MSCSS timer 1 module are described in
Section 6.14.6.1, and pins connected to the quadrature encoder interface are described in
Section 6.14.7.1.
6.14.3 Clock description
The MSCSS is clocked from a number of different sources:
• CLK_SYS_MSCSS_A clocks the AHB side of the AHB-to-APB bus bridge
• CLK_MSCSS_APB clocks the subsystem APB bus
• CLK_MSCSS_MTMR0/1 clocks the timers
• CLK_MSCSS_PWM0..3 clocks the PWMs.
Each ADC has two clock areas; a APB part clocked by CLK_MSCSS_ADCx_APB (x = 1
or 2) and a control part for the analog section clocked by CLK_ADCx = 1 or 2), see
Section 6.7.2.
All clocks are derived from the BASE_MSCSS_CLK, except for CLK_SYS_MSCSS_A
which is derived form BASE_SYS_CLK, and the CLK_ADCx clocks which are derived
from BASE_CLK_ADC. If specific PWM or ADC modules are not used their corresponding
clocks can be switched off.
6.14.4 Analog-to-digital converter
The MSCSS in the LPC2917/2919/01 includes two 10-bit successive-approximation
analog-to-digital converters.
The key features of the ADC interface module are:
• ADC1 and ADC2: Eight analog inputs; time-multiplexed; measurement range up to
3.3 V
• External reference-level inputs
• 400 ksamples per second at 10-bit resolution up to 1500 ksamples per second at
2-bit resolution
• Programmable resolution from 2-bit to 10-bit
• Single analog-to-digital conversion scan mode and continuous analog-to-digital
conversion scan mode
• Optional conversion on transition on external start input, timer capture/match signal,
PWM_sync or ‘previous’ ADC
• Converted digital values are stored in a register for each channel
• Optional compare condition to generate a ‘less than’ or an ‘equal to or greater than’
compare-value indication for each channel
• Power-down mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com