Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2919/01 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LPC2919/01
Description  ARM9 microcontroller with CAN and LIN
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2919/01 Datasheet(HTML) 1 Page - NXP Semiconductors

  LPC2919/01 Datasheet HTML 1Page - NXP Semiconductors LPC2919/01 Datasheet HTML 2Page - NXP Semiconductors LPC2919/01 Datasheet HTML 3Page - NXP Semiconductors LPC2919/01 Datasheet HTML 4Page - NXP Semiconductors LPC2919/01 Datasheet HTML 5Page - NXP Semiconductors LPC2919/01 Datasheet HTML 6Page - NXP Semiconductors LPC2919/01 Datasheet HTML 7Page - NXP Semiconductors LPC2919/01 Datasheet HTML 8Page - NXP Semiconductors LPC2919/01 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 86 page
background image
1.
General description
The LPC2917/2919/01 combine an ARM968E-S CPU core with two integrated TCM
blocks operating at frequencies of up to 125 MHz, CAN and LIN, 56 kB SRAM, up to
768 kB flash memory, external memory interface, two 10-bit ADCs, and multiple serial and
parallel interfaces in a single chip targeted at consumer, industrial, medical, and
communication markets. To optimize system power consumption, the LPC2917/2919/01
has a very flexible Clock Generation Unit (CGU) that provides dynamic clock gating and
scaling.
2.
Features
I ARM968E-S processor running at frequencies of up to 125 MHz maximum.
I Multi-layer AHB system bus at 125 MHz with three separate layers.
I On-chip memory:
N Two Tightly Coupled Memories (TCM), 16 kB Instruction TCM (ITCM), 16 kB Data
TCM (DTCM).
N Two separate internal Static RAM (SRAM) instances; 32 kB SRAM and 16 kB
SRAM.
N 8 kB ETB SRAM also available for code execution and data.
N Up to 768 kB high-speed flash-program memory.
N 16 kB true EEPROM, byte-erasable and programmable.
I Dual-master, eight-channel GPDMA controller on the AHB multi-layer matrix which can
be used with the SPI interfaces and the UARTs, as well as for memory-to-memory
transfers including the TCM memories.
I External Static Memory Controller (SMC) with eight memory banks; up to 32-bit data
bus; up to 24-bit address bus.
I Serial interfaces:
N Two-channel CAN controller supporting FullCAN and extensive message filtering
N Two LIN master controllers with full hardware support for LIN communication. The
LIN interface can be configured as UART to provide two additional UART
interfaces.
N Two 550 UARTs with 16-byte Tx and Rx FIFO depths, DMA support, and
RS485/EIA-485 (9 bit) support.
N Three full-duplex Q-SPIs with four slave-select lines; 16 bits wide; 8 locations deep;
Tx FIFO and Rx FIFO.
N Two I2C-bus interfaces.
LPC2917/2919/01
ARM9 microcontroller with CAN and LIN
Rev. 02 — 17 June 2009
Preliminary data sheet


Similar Part No. - LPC2919/01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2919/01 NXP-LPC2919/01 Datasheet
4Mb / 12P
NXP Microcontrollers Selection Guide
November 2012
More results

Similar Description - LPC2919/01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2917 PHILIPS-LPC2917 Datasheet
1Mb / 68P
ARM9 microcontroller with CAN and LIN
Rev.1.01-15 November 2007
LPC2921 PHILIPS-LPC2921 Datasheet
458Kb / 81P
ARM9 microcontroller with CAN, LIN, and USB device
Rev.00.01-24 October 2008
LPC2921 NXP-LPC2921 Datasheet
391Kb / 83P
ARM9 microcontroller with CAN, LIN, and USB
Rev. 01-15 June 2009
LPC2927 NXP-LPC2927 Datasheet
445Kb / 95P
ARM9 microcontroller with CAN, LIN, and USB
Rev. 02-22 June 2009
LPC2921 NXP-LPC2921_10 Datasheet
571Kb / 84P
ARM9 microcontroller with CAN, LIN, and USB
Rev. 03-14 April 2010
LPC2927 NXP-LPC2927_10 Datasheet
637Kb / 95P
ARM9 microcontroller with CAN, LIN, and USB
Rev. 04-14 April 2010
LPC2930 NXP-LPC2930 Datasheet
670Kb / 98P
ARM9 flashless microcontroller with CAN, LIN, and USB
Rev. 03-16 April 2010
LPC2939 NXP-LPC2939 Datasheet
2Mb / 99P
ARM9 microcontroller with CAN, LIN, and USB
Rev. 03-7 April 2010
LPC2926 NXP-LPC2926 Datasheet
1Mb / 95P
ARM9 microcontroller with CAN, LIN, and USB
Rev. 5-28 September 2010
logo
Infineon Technologies A...
TLE9879-2QXA40 INFINEON-TLE9879-2QXA40 Datasheet
3Mb / 133P
Microcontroller with LIN and BLDC MOSFET Driver
Rev. 1.0 2018-01-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com