Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2919/01 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # LPC2919/01
Description  ARM9 microcontroller with CAN and LIN
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2919/01 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button LPC2919/01 Datasheet HTML 19Page - NXP Semiconductors LPC2919/01 Datasheet HTML 20Page - NXP Semiconductors LPC2919/01 Datasheet HTML 21Page - NXP Semiconductors LPC2919/01 Datasheet HTML 22Page - NXP Semiconductors LPC2919/01 Datasheet HTML 23Page - NXP Semiconductors LPC2919/01 Datasheet HTML 24Page - NXP Semiconductors LPC2919/01 Datasheet HTML 25Page - NXP Semiconductors LPC2919/01 Datasheet HTML 26Page - NXP Semiconductors LPC2919/01 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 86 page
background image
LPC2917_19_01_2
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 02 — 17 June 2009
23 of 86
NXP Semiconductors
LPC2917/01; LPC2919/01
ARM9 microcontroller with CAN and LIN
Remark: If the programmed number of wait-states is more than three, flash-data reading
cannot be performed at full speed (i.e. with zero wait-states at the AHB bus) if speculative
reading is active.
6.8.6 EEPROM
EEPROM is a non-volatile memory mostly used for storing relatively small amounts of
data, for example for storing settings. It contains one 16 kB memory block and is
byte-programmable and byte-erasable.
The EEPROM can be accessed only through the flash controller.
6.9 External static memory controller
The LPC2917/2919/01 contains an external Static Memory Controller (SMC) which
provides an interface for external (off-chip) memory devices.
Key features are:
• Supports static memory-mapped devices including RAM, ROM, flash, burst ROM and
external I/O devices.
• Asynchronous page-mode read operation in non-clocked memory subsystems.
• Asynchronous burst-mode read access to burst-mode ROM devices.
• Independent configuration for up to eight banks, each up to 16 MB.
• Programmable bus-turnaround (idle) cycles (one to 16).
• Programmable read and write wait states (up to 32), for static RAM devices.
• Programmable initial and subsequent burst-read wait state for burst-ROM devices.
• Programmable write protection.
• Programmable burst-mode operation.
• Programmable external data width: 8 bits, 16 bits or 32 bits.
• Programmable read-byte lane enable control.
6.9.1 Description
The SMC simultaneously supports up to eight independently configurable memory banks.
Each memory bank can be 8 bits, 16 bits or 32 bits wide and is capable of supporting
SRAM, ROM, burst-ROM memory, or external I/O devices.
A separate chip select output is available for each bank. The chip select lines are
configurable to be active HIGH or LOW. Memory-bank selection is controlled by memory
addressing. Table 11 shows how the 32-bit system address is mapped to the external bus
memory base addresses, chip selects, and bank internal addresses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com