Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2919/01 Datasheet(PDF) 50 Page - NXP Semiconductors

Part # LPC2919/01
Description  ARM9 microcontroller with CAN and LIN
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2919/01 Datasheet(HTML) 50 Page - NXP Semiconductors

Back Button LPC2919/01 Datasheet HTML 46Page - NXP Semiconductors LPC2919/01 Datasheet HTML 47Page - NXP Semiconductors LPC2919/01 Datasheet HTML 48Page - NXP Semiconductors LPC2919/01 Datasheet HTML 49Page - NXP Semiconductors LPC2919/01 Datasheet HTML 50Page - NXP Semiconductors LPC2919/01 Datasheet HTML 51Page - NXP Semiconductors LPC2919/01 Datasheet HTML 52Page - NXP Semiconductors LPC2919/01 Datasheet HTML 53Page - NXP Semiconductors LPC2919/01 Datasheet HTML 54Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 86 page
background image
LPC2917_19_01_2
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 02 — 17 June 2009
50 of 86
NXP Semiconductors
LPC2917/01; LPC2919/01
ARM9 microcontroller with CAN and LIN
generator. The RDET register keeps track of which clocks are active and inactive, and the
appropriate ‘CLK_SEL’ values are masked and unmasked accordingly. Each clock
detector can also generate interrupts at clock activation and deactivation so that the
system can be notified of a change in internal clock status.
Clock detection is done using a counter running at the BASE_PCR_CLK frequency. If no
positive clock edge occurs before the counter has 32 cycles of BASE_PCR_CLK the clock
is assumed to be inactive. As BASE_PCR_CLK is slower than any of the clocks to be
detected, normally only one BASE_PCR_CLK cycle is needed to detect activity. After
reset all clocks are assumed to be ‘non-present’, so the RDET status register will be
correct only after 32 BASE_PCR_CLK cycles.
Note that this mechanism cannot protect against a currently-selected clock going from
active to inactive state. Therefore an inactive clock may still be sent to the system under
special circumstances, although an interrupt can still be generated to notify the system.
Glitch-Free Switching: Provisions are included in the CGU to allow clocks to be switched
glitch-free, both at the output generator stage and also at secondary source generators.
In the case of the PLL the clock will be stopped and held low for long enough to allow the
PLL to stabilize and lock before being re-enabled. For all non-PLL Generators the switch
will occur as quickly as possible, although there will always be a period when the clock is
held low due to synchronization requirements.
If the current clock is high and does not go low within 32 cycles of BASE_PCR_CLK it is
assumed to be inactive and is asynchronously forced low. This prevents deadlocks on the
interface.
6.15.2.2
PLL functional description
A block diagram of the PLL is shown in Figure 14. The input clock is fed directly to the
analog section. This block compares the phase and frequency of the inputs and generates
the main clock2. These clocks are either divided by 2
× P by the programmable post
divider to create the output clock, or sent directly to the output. The main output clock is
then divided by M by the programmable feedback divider to generate the feedback clock.
The output signal of the analog section is also monitored by the lock detector to signal
when the PLL has locked onto the input clock.
2.
Generation of the main clock is restricted by the frequency range of the PLL clock input. See Table 35, Dynamic characteristics.
Fig 14. PLL block diagram
CCO
/ 2PDIV
P23
/ MDIV
002aad833
bypass
direct
clkout120
clkout240
clkout
clkout
input clock
PSEL bits
P23EN bit
MSEL bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com