Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2919/01 Datasheet(PDF) 74 Page - NXP Semiconductors

Part # LPC2919/01
Description  ARM9 microcontroller with CAN and LIN
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2919/01 Datasheet(HTML) 74 Page - NXP Semiconductors

Back Button LPC2919/01 Datasheet HTML 70Page - NXP Semiconductors LPC2919/01 Datasheet HTML 71Page - NXP Semiconductors LPC2919/01 Datasheet HTML 72Page - NXP Semiconductors LPC2919/01 Datasheet HTML 73Page - NXP Semiconductors LPC2919/01 Datasheet HTML 74Page - NXP Semiconductors LPC2919/01 Datasheet HTML 75Page - NXP Semiconductors LPC2919/01 Datasheet HTML 76Page - NXP Semiconductors LPC2919/01 Datasheet HTML 77Page - NXP Semiconductors LPC2919/01 Datasheet HTML 78Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 86 page
background image
LPC2917_19_01_2
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 02 — 17 June 2009
74 of 86
NXP Semiconductors
LPC2917/01; LPC2919/01
ARM9 microcontroller with CAN and LIN
9.6 Dynamic characteristics: ADC
[1]
All parameters are guaranteed over the virtual junction temperature range by design. Pre-testing is performed at Tamb =85 °C ambient
temperature on wafer level. Cased products are tested at Tamb =25 °C (final testing). Both pre-testing and final testing use correlated
test conditions to cover the specified temperature and power supply voltage range.
[2]
Duty cycle clock should be as close as possible to 50 %.
10. Application information
10.1 Operating frequency selection
The LPC2917/2919/01 is specified to operate at a maximum frequency of 125 MHz,
maximum temperature of 85
°C, and maximum core voltage of 1.89 V. Figure 29 and
Figure 30 show that the user can achieve higher operating frequencies for the
LPC2917/2919/01 by controlling the temperature and the core voltage accordingly.
Table 41.
ADC dynamic characteristics
VDD(CORE) =VDD(OSC_PLL); VDD(IO) = 2.7 V to 3.6 V; VDDA(ADC3V3) = 3.0 V to 3.6 V; all voltages are measured with respect to
ground.[1]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fi(ADC)
ADC input frequency
[2] 4
-
4.5
MHz
fs(max)
maximum sampling rate
fi(ADC) = 4.5 MHz;
fs =fi(ADC)/(n + 1) with
n = resolution
resolution 2 bit
-
-
1500
ksample/s
resolution 10 bit
-
-
400
ksample/s
tconv
conversion time
In number of ADC
clock cycles
3
-
11
cycles
In number of bits
2
-
10
bits
Fig 29. Core operating frequency versus temperature for different core voltages
temperature (
°C)
25
85
65
45
002aae194
125
115
135
145
core
frequency
(MHz)
105
VDD(CORE) = 1.95 V
VDD(CORE) = 1.8 V
VDD(CORE) = 1.65 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com