Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2919/01 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # LPC2919/01
Description  ARM9 microcontroller with CAN and LIN
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2919/01 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button LPC2919/01 Datasheet HTML 6Page - NXP Semiconductors LPC2919/01 Datasheet HTML 7Page - NXP Semiconductors LPC2919/01 Datasheet HTML 8Page - NXP Semiconductors LPC2919/01 Datasheet HTML 9Page - NXP Semiconductors LPC2919/01 Datasheet HTML 10Page - NXP Semiconductors LPC2919/01 Datasheet HTML 11Page - NXP Semiconductors LPC2919/01 Datasheet HTML 12Page - NXP Semiconductors LPC2919/01 Datasheet HTML 13Page - NXP Semiconductors LPC2919/01 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 86 page
background image
LPC2917_19_01_2
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 02 — 17 June 2009
10 of 86
NXP Semiconductors
LPC2917/01; LPC2919/01
ARM9 microcontroller with CAN and LIN
P0[6]/
PMAT0[4]/D30
105[1]
GPIO 0, pin 6
-
PWM0 MAT4
EXTBUS D30
P0[7]/
PMAT0[5]/D31
106[1]
GPIO 0, pin 7
-
PWM0 MAT5
EXTBUS D31
VDDA(ADC3V3)
107
3.3 V power supply for ADC
JTAGSEL
108[1]
TAP controller select input; LOW-level selects the ARM debug mode; HIGH-level selects
boundary scan; pulled up internally.
n.c.
109
not connected to a function, must be tied to 3.3 V power supply for ADC VDDA(ADC3V3).
VREFP
110[2]
HIGH reference for ADC
VREFN
111[2]
LOW reference for ADC
P0[8]/IN1[0]/TX
DL0/A20
112[3]
GPIO 0, pin 8
ADC1 IN0
LIN0/UART TXD
EXTBUS A20
P0[9]/IN1[1]/
RXDL0/A21
113[3]
GPIO 0, pin 9
ADC1 IN1
LIN0/UART RXD
EXTBUS A21
P0[10]/IN1[2]/
PMAT1[0]/A8
114[3]
GPIO 0, pin 10
ADC1 IN2
PWM1 MAT0
EXTBUS A8
P0[11]/IN1[3]/
PMAT1[1]/A9
115[3]
GPIO 0, pin 11
ADC1 IN3
PWM1 MAT1
EXTBUS A9
P2[14]/SDA1/
PCAP0[0]/BLS0
116[1]
GPIO 2, pin 14
I2C1 SDA
PWM0 CAP0
EXTBUS BLS0
P2[15]/SCL1/
PCAP0[1]/BLS1
117[1]
GPIO 2, pin 15
I2C1 SCL
PWM0 CAP1
EXTBUS BLS1
P3[2]/MAT3[0]/
PMAT2[2]
118[1]
GPIO 3, pin 2
TIMER3 MAT0
PWM2 MAT2
-
VSS(IO)
119
ground for I/O
P3[3]/MAT3[1]/
PMAT2[3]
120[1]
GPIO 3, pin 3
TIMER3 MAT1
PWM2 MAT3
-
P0[12]/IN1[4]/
PMAT1[2]/A10
121[3]
GPIO 0, pin 12
ADC1 IN4
PWM1 MAT2
EXTBUS A10
P0[13]/IN1[5]/
PMAT1[3]/A11
122[3]
GPIO 0, pin 13
ADC1 IN5
PWM1 MAT3
EXTBUS A11
P0[14]/IN1[6]/
PMAT1[4]/A12
123[3]
GPIO 0, pin 14
ADC1 IN6
PWM1 MAT4
EXTBUS A12
P0[15]/IN1[7]/
PMAT1[5]/A13
124[3]
GPIO 0, pin 15
ADC1 IN7
PWM1 MAT5
EXTBUS A13
P0[16]IN2[0]/
TXD0/A22
125[3]
GPIO 0, pin 16
ADC2 IN0
UART0 TXD
EXTBUS A22
P0[17]/IN2[1]/
RXD0/A23
126[3]
GPIO 0, pin 17
ADC2 IN1
UART0 RXD
EXTBUS A23
VDD(CORE)
127
1.8 V power supply for digital core
VSS(CORE)
128
ground for digital core
P2[16]/TXD1/
PCAP0[2]/BLS2
129[1]
GPIO 2, pin 16
UART1 TXD
PWM0 CAP2
EXTBUS BLS2
P2[17]/RXD1/
PCAP1[0]/BLS3
130[1]
GPIO 2, pin 17
UART1 RXD
PWM1 CAP0
EXTBUS BLS3
Table 3.
LQFP144 pin assignment …continued
Pin name
Pin
Description
Default function
Function 1
Function 2
Function 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com