Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2919/01 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # LPC2919/01
Description  ARM9 microcontroller with CAN and LIN
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2919/01 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button LPC2919/01 Datasheet HTML 40Page - NXP Semiconductors LPC2919/01 Datasheet HTML 41Page - NXP Semiconductors LPC2919/01 Datasheet HTML 42Page - NXP Semiconductors LPC2919/01 Datasheet HTML 43Page - NXP Semiconductors LPC2919/01 Datasheet HTML 44Page - NXP Semiconductors LPC2919/01 Datasheet HTML 45Page - NXP Semiconductors LPC2919/01 Datasheet HTML 46Page - NXP Semiconductors LPC2919/01 Datasheet HTML 47Page - NXP Semiconductors LPC2919/01 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 86 page
background image
LPC2917_19_01_2
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 02 — 17 June 2009
44 of 86
NXP Semiconductors
LPC2917/01; LPC2919/01
ARM9 microcontroller with CAN and LIN
6.14.5.5
Clock description
The PWM modules are clocked by CLK_MSCSS_PWMx (x = 0 - 3), see Section 6.7.2.
Note that each PWM has its own CLK_MSCSS_PWMx branch clock for power
management. The frequency of all these clocks is identical to CLK_MSCSS_APB since
they are derived from the same base clock BASE_MSCSS_CLK.
Also note that unlike the timer modules in the Peripheral SubSystem, the actual timer
counter registers of the PWM modules run at the same clock as the APB system interface
CLK_MSCSS_APB. This clock is independent of the AHB system clock.
If a PWM module is not used its CLK_MSCSS_PWMx branch clock can be switched off.
6.14.6 Timers in the MSCSS
The two timers in the MSCSS are functionally identical to the timers in the peripheral
subsystem, see Section 6.12.3. The features of the timers in the MSCSS are the same as
the timers in the peripheral subsystem, but the capture inputs and match outputs are not
available on the device pins. These signals are instead connected to the ADC and PWM
modules as outlined in the description of the MSCSS, see Section 6.14.1.
See section Section 6.12.3 for a functional description of the timers.
6.14.6.1
Pin description
MSCSS timer 0 has no external pins.
MSCSS timer 1 has a PAUSE pin available as external pin. The PAUSE pin is combined
with other functions on the port pins of the LPC2917/2919/01. Table 24 shows the MSCSS
timer 1 external pin.
6.14.6.2
Clock description
The Timer modules in the MSCSS are clocked by CLK_MSCSS_MTMRx (x = 0 to 1), see
Section 6.7.2. Note that each timer has its own CLK_MSCSS_MTMRx branch clock for
power management. The frequency of all these clocks is identical to CLK_MSCSS_APB
since they are derived from the same base clock BASE_MSCSS_CLK.
Note that, unlike the timer modules in the Peripheral SubSystem, the actual timer counter
registers run at the same clock as the APB system interface CLK_MSCSS_APB. This
clock is independent of the AHB system clock.
If a timer module is not used its CLK_MSCSS_MTMRx branch clock can be switched off.
6.14.7 Quadrature Encoder Interface (QEI)
A quadrature encoder, also known as a 2-channel incremental encoder, converts angular
displacement into two pulse signals. By monitoring both the number of pulses and the
relative phase of the two signals, the user can track the position, direction of rotation, and
velocity. In addition, a third channel, or index signal, can be used to reset the position
counter. The quadrature encoder interface decodes the digital pulses from a quadrature
encoder wheel to integrate position over time and determine direction of rotation. In
addition, the QEI can capture the velocity of the encoder wheel.
Table 24.
MSCSS timer 1 pin
Symbol
Direction
Description
MSCSS PAUSE
IN
pause pin for MSCSS timer 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com