Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2919/01 Datasheet(PDF) 54 Page - NXP Semiconductors

Part # LPC2919/01
Description  ARM9 microcontroller with CAN and LIN
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2919/01 Datasheet(HTML) 54 Page - NXP Semiconductors

Back Button LPC2919/01 Datasheet HTML 50Page - NXP Semiconductors LPC2919/01 Datasheet HTML 51Page - NXP Semiconductors LPC2919/01 Datasheet HTML 52Page - NXP Semiconductors LPC2919/01 Datasheet HTML 53Page - NXP Semiconductors LPC2919/01 Datasheet HTML 54Page - NXP Semiconductors LPC2919/01 Datasheet HTML 55Page - NXP Semiconductors LPC2919/01 Datasheet HTML 56Page - NXP Semiconductors LPC2919/01 Datasheet HTML 57Page - NXP Semiconductors LPC2919/01 Datasheet HTML 58Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 86 page
background image
LPC2917_19_01_2
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 02 — 17 June 2009
54 of 86
NXP Semiconductors
LPC2917/01; LPC2919/01
ARM9 microcontroller with CAN and LIN
Using the base clocks from the CGU as input, the PMU generates branch clocks to the
rest of the LPC2917/2919/01. Output clocks branched from the same base clock are
phase- and frequency-related. These branch clocks can be individually controlled by
software programming.
The key features are:
• Individual clock control for all LPC2917/2919/01 sub-modules
• Activates sleeping clocks when a wake-up event is detected
• Clocks can be individually disabled by software
• Supports AHB master-disable protocol when AUTO mode is set
• Disables wake-up of enabled clocks when Power-down mode is set
• Activates wake-up of enabled clocks when a wake-up event is received
• Status register is available to indicate if an input base clock can be safely switched off
(i.e. all branch clocks are disabled)
6.15.5.1
Functional description
The PMU controls all internal clocks coming out of the CGU0 for power-mode
management. With some exceptions, each branch clock can be switched on or off
individually under control of software register bits located in its individual configuration
register. Some branch clocks controlling vital parts of the device operate in a fixed mode.
Table 31 shows which mode- control bits are supported by each branch clock.
By programming the configuration register the user can control which clocks are switched
on or off, and which clocks are switched off when entering Power-down mode.
Note that the standby-wait-for-interrupt instructions of the ARM968E-S processor (putting
the ARM CPU into a low-power state) are not supported. Instead putting the ARM CPU
into power-down should be controlled by disabling the branch clock for the CPU.
Remark: For any disabled branch clocks to be re-activated their corresponding base
clocks must be running (controlled by CGU0).
Table 31 shows the relation between branch and base clocks, see also Section 6.7.1.
Every branch clock is related to one particular base clock: it is not possible to switch the
source of a branch clock in the PMU.
Table 31.
Branch clock overview
Legend:
‘1’ Indicates that the related register bit is tied off to logic HIGH, all writes are ignored
‘0’ Indicates that the related register bit is tied off to logic LOW, all writes are ignored
‘+’ Indicates that the related register bit is readable and writable
Branch clock name
Base clock
Implemented switch on/off
mechanism
WAKE-UP
AUTO
RUN
CLK_SAFE
BASE_SAFE_CLK
0
0
1
CLK_SYS_CPU
BASE_SYS_CLK
+
+
1
CLK_SYS
BASE_SYS_CLK
+
+
1
CLK_SYS_PCR
BASE_SYS_CLK
+
+
1
CLK_SYS_FMC
BASE_SYS_CLK
+
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com