Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2919/01 Datasheet(PDF) 51 Page - NXP Semiconductors

Part # LPC2919/01
Description  ARM9 microcontroller with CAN and LIN
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2919/01 Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button LPC2919/01 Datasheet HTML 47Page - NXP Semiconductors LPC2919/01 Datasheet HTML 48Page - NXP Semiconductors LPC2919/01 Datasheet HTML 49Page - NXP Semiconductors LPC2919/01 Datasheet HTML 50Page - NXP Semiconductors LPC2919/01 Datasheet HTML 51Page - NXP Semiconductors LPC2919/01 Datasheet HTML 52Page - NXP Semiconductors LPC2919/01 Datasheet HTML 53Page - NXP Semiconductors LPC2919/01 Datasheet HTML 54Page - NXP Semiconductors LPC2919/01 Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 86 page
background image
LPC2917_19_01_2
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 02 — 17 June 2009
51 of 86
NXP Semiconductors
LPC2917/01; LPC2919/01
ARM9 microcontroller with CAN and LIN
Triple output phases: For applications that require multiple clock phases two additional
clock outputs can be enabled by setting register P23EN to logic 1, thus giving three clocks
with a 120
° phase difference. In this mode all three clocks generated by the analog
section are sent to the output dividers. When the PLL has not yet achieved lock the
second and third phase output dividers run unsynchronized, which means that the phase
relation of the output clocks is unknown. When the PLL LOCK register is set the second
and third phase of the output dividers are synchronized to the main output clock CLKOUT
PLL, thus giving three clocks with a 120
° phase difference.
Direct output mode: In normal operating mode (with DIRECT set to logic 0) the CCO
clock is divided by 2, 4, 8 or 16 depending on the value on the PSEL[1:0] input, giving an
output clock with a 50 % duty cycle. If a higher output frequency is needed the CCO clock
can be sent directly to the output by setting DIRECT to logic 1. Since the CCO does not
directly generate a 50 % duty cycle clock, the output clock duty cycle in this mode can
deviate from 50 %.
Power-down control: A Power-down mode has been incorporated to reduce power
consumption when the PLL clock is not needed. This is enabled by setting the PD control
register bit. In this mode the analog section of the PLL is turned off, the oscillator and the
phase-frequency detector are stopped and the dividers enter a reset state. While in
Power-down mode the LOCK output is low, indicating that the PLL is not in lock. When
Power-down mode is terminated by clearing the PD control-register bit the PLL resumes
normal operation, and makes the LOCK signal high once it has regained lock on the input
clock.
6.15.2.3
Pin description
The CGU0 module in the LPC2917/2919/01 has the pins listed in Table 27 below.
6.15.3 Clock generation for CLK_OUT (CGU1)
The CGU1 block is functionally identical to the CGU0 block and generates a dedicated
output clock. The CGU1 block uses its own PLL and fractional divider. The PLLs used in
CGU0 and CGU1 are identical (see Section 6.15.2.2).
The clock input to the CGU1 PLL is provided by one of two base clocks generated in the
CGU0: BASE_ICLK0_CLK or BASE_ICLK1_CLK. The base clock not used for the PLL
can be configured to drive the output clock directly.
Table 27.
CGU0 pins
Symbol
Direction
Description
XOUT_OSC
OUT
Oscillator crystal output
XIN_OSC
IN
Oscillator crystal input or external clock input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com