Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2919/01 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # LPC2919/01
Description  ARM9 microcontroller with CAN and LIN
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2919/01 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button LPC2919/01 Datasheet HTML 29Page - NXP Semiconductors LPC2919/01 Datasheet HTML 30Page - NXP Semiconductors LPC2919/01 Datasheet HTML 31Page - NXP Semiconductors LPC2919/01 Datasheet HTML 32Page - NXP Semiconductors LPC2919/01 Datasheet HTML 33Page - NXP Semiconductors LPC2919/01 Datasheet HTML 34Page - NXP Semiconductors LPC2919/01 Datasheet HTML 35Page - NXP Semiconductors LPC2919/01 Datasheet HTML 36Page - NXP Semiconductors LPC2919/01 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 86 page
background image
LPC2917_19_01_2
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 02 — 17 June 2009
33 of 86
NXP Semiconductors
LPC2917/01; LPC2919/01
ARM9 microcontroller with CAN and LIN
6.12.5.3
Clock description
The SPI modules are clocked by two different clocks; CLK_SYS_PESS and CLK_SPIx
(x = 0, 1, 2), see Section 6.7.2. Note that each SPI has its own CLK_SPIx branch clock for
power management. The frequency of all clocks CLK_SPIx is identical as they are derived
from the same base clock BASE_CLK_SPI. The register interface towards the system bus
is clocked by CLK_SYS_PESS. The serial-clock rate divisor is clocked by CLK_SPIx.
The SPI clock frequency can be controlled by the CGU. In master mode the SPI clock
frequency (CLK_SPIx) must be set to at least twice the SPI serial clock rate on the
interface. In slave mode CLK_SPIx must be set to four times the SPI serial clock rate on
the interface.
6.12.6 General-purpose I/O
The LPC2917/2919/01 contains four general-purpose I/O ports located at different
peripheral base addresses. All I/O pins are bidirectional, and the direction can be
programmed individually. The I/O pad behavior depends on the configuration programmed
in the port function-select registers.
The key features are:
• General-purpose parallel inputs and outputs
• Direction control of individual bits
• Synchronized input sampling for stable input-data values
• All I/O defaults to input at reset to avoid any possible bus conflicts
6.12.6.1
Functional description
The general-purpose I/O provides individual control over each bidirectional port pin. There
are two registers to control I/O direction and output level. The inputs are synchronized to
achieve stable read-levels.
To generate an open-drain output, set the bit in the output register to the desired value.
Use the direction register to control the signal. When set to output, the output driver
actively drives the value on the output: when set to input the signal floats and can be
pulled up internally or externally.
6.12.6.2
Pin description
The five GPIO ports in the LPC2917/2919/01 have the pins listed below. The GPIO pins
are combined with other functions on the port pins of the LPC2917/2919/01. Table 18
shows the GPIO pins.
Table 18.
GPIO pins
Symbol
Pin name
Direction
Description
GPIO0 pin[31:0]
P0[31:0]
IN/OUT
GPIO port x pins 31 to 0
GPIO1 pin[31:0]
P1[31:0]
IN/OUT
GPIO port x pins 31 to 0
GPIO2 pin[27:0]
P2[27:0]
IN/OUT
GPIO port x pins 27 to 0
GPIO3 pin[15:0]
P3[15:0]
IN/OUT
GPIO port x pins 15 to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com