Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC2192 Datasheet(PDF) 47 Page - Cadeka Microcircuits LLC.

Part # TMC2192
Description  10 Bit Encoder
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2192 Datasheet(HTML) 47 Page - Cadeka Microcircuits LLC.

Back Button TMC2192 Datasheet HTML 43Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 44Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 45Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 46Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 47Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 48Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 49Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 50Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 51Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 69 page
background image
PRODUCT SPECIFICATION
TMC2192
REV. 1.0.0 8/13/03
47
Control Register Definitions (continued)
Vertical Blanking Interval Enable Register (0x19)
76543210
SHORT
T512
HALFEN
VBIENF2
Reg
Bit
Name
Description
19
7
SHORT
Test Register. Program LOW.
19
6
T512
EH/SL Offset Control Bit.
When LOW, the true value of EH and SL is offset by 256.
When HIGH, the true value of EH and SL is offset by 512.
19
5
HALFEN
Half Line Enable.
When LOW, half-line blanking occurs on line 283 (NTSC) or line 23 (PAL).
When HIGH, line 283 (NTSC) or line 23 (PAL) is treated as a full line of
active video.
19
4-0
VBIENF2
VBI Active Video Enable, Field 2.
The value of VBIENF2 determines which line blanking stops and active line
for ODD fields in NTSC starting from line 4 to line 35 or an EVEN fields for
PAL starting from line 1 to line 32.
Pedestal Height Register (0x1A)
76543210
Reserved
PEDHGT1
Reg
Bit
Name
Description
1A
7
Reserved
1A
6-0
PEDHGT1
Composite Pedestal Height.
PEDHGT1 is a 2’s comp value producing a pedestal height from -22.1 IRE
to 21.7 IRE with .345 IRE steps on the composite data path. The default 7.5
IRE pedestal for NTSC-M results from a hex code of 0010110b.
Closed Caption Register (0x1C)
76543210
CCD1
Reg
Bit
Name
Description
1C
7-0
CCD1
First Byte of CC Data.
Bit 0 is the LSB. The MSB will be overwritten by an ODD Parity Bit if
CCPAR is HIGH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com