Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC2192 Datasheet(PDF) 37 Page - Cadeka Microcircuits LLC.

Part # TMC2192
Description  10 Bit Encoder
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2192 Datasheet(HTML) 37 Page - Cadeka Microcircuits LLC.

Back Button TMC2192 Datasheet HTML 33Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 34Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 35Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 36Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 37Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 38Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 39Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 40Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 41Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 69 page
background image
PRODUCT SPECIFICATION
TMC2192
REV. 1.0.0 8/13/03
37
Control Register Definitions (continued)
Input Format Register (0x05)
76543210
D10FF
INMODE
OMIX
SOURCE
Reg
Bit
Name
Description
05
7
D1OFF
YCBCR Input Formatting.
When D1OFF is HIGH, 64 is subtracted from Y data path of the PD port.
When D1OFF is LOW, pixel data is passed through.
05
6
Reserved
Program Low
05
5-4
INMODE
Input Mode Select.
00
24 bit YCBCR (4:4:4)
PD[7:0] = Y PD[23:16] = CB PD[15:8] = CR
01
10 bit D1 (YCBCR)
PD[23:14] = YCBCR at 27MHz
10
20 bit YCBCR (4:4:4)
PD[9:0] = Y PD[23:14] = CBCR (at 27MHz)
11
20 bit YCBCR (4:2:2)
PD[9:0] = Y PD[23:14] = CBCR
05
3-2
OMIX
Overlay Mixer Select.
00
No mix – PD data is always passed
01
Hard mix – mixer performs a hard switch between PD and Overlay
10
Set1 mix – the pixel data has the following weighting on the
transition; 0, 1/2, 1
11
Set2 mix – the pixel data has the following weighting on the
transition; 0, 1/8, 1/2, 7/8, 1
05
1-0
SOURCE
Video Input Select. Chooses from internal test patterns or pixel data port.
00
PD PORT
01
Modulated Ramp
10
INTERNAL COLOR BAR (75%)
11
INTERNAL COLOR BAR (100%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com