Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC2192 Datasheet(PDF) 15 Page - Cadeka Microcircuits LLC.

Part # TMC2192
Description  10 Bit Encoder
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2192 Datasheet(HTML) 15 Page - Cadeka Microcircuits LLC.

Back Button TMC2192 Datasheet HTML 11Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 12Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 13Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 14Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 15Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 16Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 17Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 18Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 19Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 69 page
background image
PRODUCT SPECIFICATION
TMC2192
REV. 1.0.0 8/13/03
15
Notes:
1. XBP, VA, VC, and VB are 10 bit values. The 2 MSBs for these four variables are in Timing Register 2D.
2. EH and SL are 9 bit values. A most significant "1" is forced by the TMC2192 since EH and SL must range from 256 to 511.
EH and SL may be extended to 767. Only the eight LSBs are stored in Timing Registers 29 and 2A.
3. Every calculated timing parameter has a minimum value of 5 except EH and SL which have minimum values of 256.
Vertical Timing
The vertical timing is controlled by the FORMAT control
register, which dictates the field and line sequence.
Figure 12. NTSC Vertical Interval
Table 7. Default Horizontal Timing Parameters
Standard
Field
Rate
(Hz)
Horizontal
Freq.
(KHz)
Pixel
Rate
(Mpps)
PXCK
Freq.
(MHz)
Timing Register (hex)
SY
BR
BU
CBP XBP
VA
VC
VB
EL
EH2
SL2
SH
FP
Note CBL
20
21
22
23
24
25
26
27
28
29
2A
2B
2C
2D
2F
NTSC sqr. pixel
59.94
15.734266
12.27
24.54
3A
07
1F
0F
23
8B
05
77
1C
6A
4C
3A
12
65
52
NTSC CCIR-601
59.94
15.734266
13.50
27.00
40
08
22
11
44
CB
1E
98
1F
8E
6D
40
14
65
59
NTSC 4x FSC
59.94
15.734266
14.32
28.64
43
09
24
12
54
F7
30
B5
21
A6
84
43
15
65
5F
PAL sqr. pixel
50.00
15.625000
14.75
29.50
45
0D
21
21
6D
03
2B
B7
23
B5
93
45
19
75
61
PAL CCIR-601
50.00
15.625000
13.50
27.00
40
0C
1E
22
4D
BE
0E
93
20
90
70
40
16
65
59
PAL 15 Mpps
50.00
15.625000
15.00
30.00
46
0D
22
21
73
11
31
BF
23
BD
9A
47
19
75
62
PAL-M sqr.pixel
60.00
15.750000
12.50
25.01
3E
0B
1C
13
26
86
FE
8B
1D
70
53
3A
18
61
52
PAL-M CCIR-601
60.00
15,750000
13.50
27.00
44
0C
1E
13
26
Bf
12
99
1F
8E
6E
3F
1A
65
57
PAL-M 4x FSC
60.00
15,750000
14.30
28.60
47
0D
20
15
4C
E8
22
AC
21
A5
84
42
1B
65
5D
262
524
263
525
FIELDS 2 AND 4
FIELDS 1 AND 3
UVV
UVV
UVE
UVV
EE
EE
EE
EE
ES
EE
SS
SS
SS
SS
SE
SS
EE
EE
EE
EE
EB
EE
UBB
UBB
UBB
UBB
UVV
UBB
UBV
UVV
UVV
UVV
264
1
265
2
266
3
267
4
268
5
269
6
270
7
271
8
272
9
273
10
•••
•••
282
19
283
20
284
21
285
22
HSOUT
VSOUT
(TOUT = 1)
65-6294-15
VSOUT
(TOUT = 0)
HSOUT
VSOUT
(TOUT = 1)
VSOUT
(TOUT = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com