Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC2192 Datasheet(PDF) 32 Page - Cadeka Microcircuits LLC.

Part # TMC2192
Description  10 Bit Encoder
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2192 Datasheet(HTML) 32 Page - Cadeka Microcircuits LLC.

Back Button TMC2192 Datasheet HTML 28Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 29Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 30Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 31Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 32Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 33Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 34Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 35Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 36Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 69 page
background image
TMC2192
PRODUCT SPECIFICATION
32
REV. 1.0.0 8/13/03
sequence simply do not acknowledge (NOACK) the last byte
received and the TMC2192 will terminate the sequence.
A repeated start signal occurs when the master device driv-
ing the serial interface generates a start signal without first
generating a stop signal to terminate the current communica-
tion. This is used to change the mode of communication
(read, write) between the slave and master without releasing
the serial interface lines.
Figure 26. Serial Interface – Typical Byte Transfer
Figure 27. Serial Interface – Chip Address
Serial Interface Read/Write Examples
Write to one control register
• Start signal
• Slave Address byte (R/W bit = LOW)
• Block Pointer (00)
• Offset Pointer
• Data byte to base address
• Stop signal
Write to four consecutive control registers
• Start signal
• Slave Address byte (R/W bit = LOW)
• Block Pointer (00)
• Offset Pointer
• Data byte to base address
• Data byte to (base address + 1)
• Data byte to (base address + 2)
• Data byte to (base address + 3)
• Stop signal
Write to one OLUT location
• Start signal
• Slave Address byte (R/W bit = LOW)
• Block Pointer (01)
• Offset Pointer (base address)
• Data byte to base address (Y)
• Data byte to base address (Cb)
• Data byte to base address (Cr)
• Stop signal
Write to four consecutive OLUT locations
• Start signal
• Slave Address byte (R/W bit = LOW)
• Block Pointer (01)
• Offset Pointer (base address)
• Data byte to base address (Y)
• Data byte to base address (Cb)
• Data byte to base address (Cr)
• Data byte to base address +1 (Y)
• Data byte to base address +1 (Cb)
• Data byte to base address +1 (Cr)
• Data byte to base address +2 (Y)
• Data byte to base address +2 (Cb)
• Data byte to base address +2 (Cr)
• Data byte to base address +3 (Y)
• Data byte to base address +3 (Cb)
• Data byte to base address +3 (Cr)
• Stop signal
Read from one control register
• Start signal
• Slave Address byte (R/W bit = LOW)
• Block Pointer (00)
• Offset Pointer
• Stop signal
• Start signal
• Slave Address byte (R/W bit = HIGH)
• Data byte from base address
•NOACK
SDA
65-6294-29
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ACK
SCL
SDA
65-6294-30
A6
A5
A4
A3
A2
SA1
SA0
R/W
ACK
SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com