Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC2192 Datasheet(PDF) 6 Page - Cadeka Microcircuits LLC.

Part # TMC2192
Description  10 Bit Encoder
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2192 Datasheet(HTML) 6 Page - Cadeka Microcircuits LLC.

Back Button TMC2192 Datasheet HTML 2Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 3Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 4Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 5Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 6Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 7Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 9Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 10Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 69 page
background image
TMC2192
PRODUCT SPECIFICATION
6
REV. 1.0.0 8/13/03
ANALOG INTERFACE – Support (9 pins)
CBYPLUMA
11
0.1
µF
Reference Bypass Capacitor for LUMA DAC. Connection
point for 0.1
µF Capacitor.
CBYPCHROM
6
0.1
µF
Reference Bypass Capacitor for CHROMA DAC. Connection
point for 0.1
µF Capacitor.
CBYPCOMP
3
0.1
µF
Reference Bypass Capacitor for COMPOSITE DAC.
Connection point for 0.1
µF Capacitor.
RREFLUMA
13
1210 Ohm
Current Setting Resistor. Connection point for external current
setting resistor for LUMA DAC. The resistor is connected
between RREFLUMA and GND. Output video levels are
inversely proportional to the value of RREF2.
RREFCHROM
8
1210 Ohm
Current Setting Resistor. Connection point for external current
setting resistor for CHROMA DAC. The resistor is connected
between RREFCHROM and GND. Output video levels are
inversely proportional to the value of RREFCHROM.
RREFCOMP
99
1210 Ohm
Current Setting Resistor. Connection point for external current
setting resistor for COMPOSITE DAC. The resistor is connected
between RREFCOMP and GND. Output video levels are
inversely proportional to the value of RREFCOMP.
VREF
98
1.235 V
Voltage Reference Input. External voltage reference input,
internal voltage reference output, nominally 1.235V.
MPU INTERFACE (13 pins)
A[1:0]/SA[1:0]
61, 62
TTL
When SER (HIGH), OLUT/control/pointer address.
When SER (LOW), SA[1:0] of serial chip address SA[6:0].
CS/SCL
59
TTL/R-BUS
When SER (HIGH), microprocessor port clock.
When SER (LOW), serial bus clock.
D[7:0]
63–70
TTL
Bi-directional Data Bus.
RW/SDA
60
TTL/R-BUS
When SER (HIGH), read/write control.
When SER (LOW), serial bus bi-directional data.
SER
58
TTL
Microprocessor Select. When LOW, the serial interface is
enabled. When HIGH, the parallel interface is enabled.
POWER & GROUND (17 pins)
AGND
4, 9, 14, 15, 18,
19, 100
0.0V
Analog ground
DGND
26, 40, 53, 71, 97
0.0V
Digital ground
VDD
39, 54, 72, 96
+5.0V
Digital positive power supply
VDDA
1, 7, 12, 16, 17
+5.0V
Analog positive power supply
Pin Definitions (continued)
Pin Name
Pin Number
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com