Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC2192 Datasheet(PDF) 10 Page - Cadeka Microcircuits LLC.

Part # TMC2192
Description  10 Bit Encoder
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2192 Datasheet(HTML) 10 Page - Cadeka Microcircuits LLC.

Back Button TMC2192 Datasheet HTML 6Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 7Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 9Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 10Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 11Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 12Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 13Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 14Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 69 page
background image
TMC2192
PRODUCT SPECIFICATION
10
REV. 1.0.0 8/13/03
Synchronization Modes
Control Registers for this section
The TMC2192 offers a variety of synchronization modes;
these are master, slave, genlock, 656 mode, and DRS-Lock.
In master mode, the TMC2192 generates its own timing and
the synchronization is supplied externally by HSOUT and
VSOUT signals. In slave and genlock modes the TMC2192
derives its timing from the input pins HSIN, VSIN. In 656
mode the timing is driven by the synchronization codes
embedded into the data stream.
Master
The TMC2192 drives the output pins HSOUT and VSOUT
to synchronize the incoming video. A new color frame starts
at the rising edge of RESET. The encoder always starts at the
1st vertical serration in field 8 and will freerun the field and
line sequence. The control register bit SRESET can be used
to synchronize the start of the field and line sequence in mas-
ter mode by resetting the FVHGEN state machine. Output
synchronization signal VSOUT can operate in a traditional
sync mode or in a MPEG style field toggle mode.
Slave
The TMC2192 is driven by the input synchronization pins
HSIN and VSIN. When the falling edge of HSIN and VSIN
occurs at the same rising edge of PXCK the TMC2192 will
start a new field.VSIN can be either a traditional pulse or the
MPEG style field toggle. In both cases the TMC2192 will
flywheel through fields 2, 4, 6, and 8 synchronizing only to
fields 1, 3, 5, and 7.
CCIR656
The TMC2192 derives all synchronization from the embed-
ded TRS (timing reference signals) information. Blanking of
selected lines is determined by the v bit of the TRS. However
the control registers VBIENx can override and blank the
active video portion of VBI lines regardless of the state of the
v-bit.
Genlock
The TMC2192 is driven by the input synchronization pins
HSIN and VSIN. When the falling edge of HSIN and VSIN
occurs at the same rising edge of PXCK the TMC2192 will
start a new field.VSIN can be either a traditional pulse or the
MPEG style field toggle. In both cases the TMC2192 will
flywheel through fields 2, 4, 6, and 8 synchronizing only to
fields 1, 3, 5, and 7. The TMC2192 collects GRS data and
resets its subcarrier phase and frequency to the data embed-
ded in the GRS stream. The GRS detection occurs only on
the CBVS port.
DRS
The TMC2192 is driven by the input synchronization pins
HSIN and VSIN. When the falling edge of HSIN and VSIN
occurs at the same rising edge of PXCK the TMC2192 will
start a new field.VSIN can be either a traditional pulse or the
MPEG style field toggle. In both cases the TMC2192 will
flywheel through fields 2, 4, 6, and 8 synchronizing only to
fields 1, 3, 5, and 7. Subcarrier phase adjustment is deter-
mined by the DRS data. The DRS detection can occur on
either the CBVS port or the pixel data port.
Propagation Delay
The propagation delay from the pixel data (PD) input to the
D/A output is 64 PXCK’s. Figure 8 shows the propagation
delay for both master and slave synchronization modes. For
CCIR656 data streams, pixel 736 (pixel 0 in Figure 8) is the
midpoint of sync and is 32 PXCK’s (24 PXCK’s in PAL)
after the EAV TRS.
Figure 7. Propagation Delay through the Encoder
Address
Bit(s)
Name
0x06
5-3
MODE
0x06
1
TOUT
0x06
0
TSOUT
PD[23:14]
PXCK
DACx
(ANALOG)
DCVBS
(D[7:0],FLD[2:1])
65-6294-09
CB0
CBn
Y0
COMP0
COMP1
Yn
CRn
Yn+1
tDO
tDO
0
63
65
128
n = (SY+BR+BU+CBP+AV)*2
Midpoint of the
Falling Edge of Sync
HSOUT
HSIN
(TSOUT = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com