Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC2192 Datasheet(PDF) 34 Page - Cadeka Microcircuits LLC.

Part # TMC2192
Description  10 Bit Encoder
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2192 Datasheet(HTML) 34 Page - Cadeka Microcircuits LLC.

Back Button TMC2192 Datasheet HTML 30Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 31Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 32Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 33Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 34Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 35Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 36Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 37Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 38Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 69 page
background image
TMC2192
PRODUCT SPECIFICATION
34
REV. 1.0.0 8/13/03
VBI Ped Enable Registers
14
7-0
VBIPEDEM
VBI Pedestal Enable, Even Fields
15
7-0
VBIPEDEL
VBI Pedestal Enable, Even Fields
16
7-0
VBIPEDOM
VBI Pedestal Enable, Odd Fields
17
7-1
VBIPEDOL
VBI Pedestal Enable, Odd Fields
17
0
HVA
Horizontal and Vertical Sync
Alignment
Vertical Blanking Interval Enable Registers
18
7
Reserved
Program Low
18
6
GLKCTL1
Genlock Control Register 1
18
5
GLKCTL0
Genlock Control Register 0
18
4-0
VBIENF1
VBI Active Video Enable, Field 1
19
7
SHORT
Test Register
19
6
T512
EH/SL Offset Control Bit
19
5
HALFEN
Half Line Enable
19
4-0
VBIENF2
VBI Active Video Enable, Field 2
Pedestal Height Register
1A
7
Reserved
Program Low
1A
6-0
PEDHGT1
Composite Pedestal Height
Closed Caption Registers
1C
7-0
CCD1
First Byte of CC Data
1D
7-0
CCD2
Second Byte of CC Data
1E
7
CCON
Enable CC Data Packet
1E
6
CCRTS
Request to Send Data
1E
5
CCPAR
Auto Parity Generation
1E
4
CCFLD
CC Field Select
1E
3-0
CCLINE
CC Line Select
Timing Registers
1F
7-0
PDCNT
Pixel Data Control Start
20
7-0
SY
Horizontal Sync Tip Duration
21
7-0
BR
Breezeway Duration
22
7-0
BU
Burst Duration
23
7-0
CBP
Color Back Porch Duration
Table 22. Control Register Map (continued)
Reg Bit
Mnemonic
Function
24
7-0
XBP
Extended Color Back Porch
Duration
25
7-0
VA
Active Video Region Duration
26
7-0
VC
Active Video Region 2nd Half
Line Duration
27
7-0
VB
Active Video Region 1st Half
Line Duration
28
7-0
EL
Equalization Pulse Low Duration
29
7-0
EH
Equalization Pulse High
Duration
2A
7-0
SL
Vertical Sync Pulse Low
Duration
2B
7-0
SH
Vertical Sync Pulse High
Duration
2C
7-0
FP
Front Proch Duration
2D
7-6
XBP
Extended Color Back Porch
Duration
2D
5-4
VA
Active Video Duration
2D
3-2
VB
Active Video Region 1st Half
Line Duration
2D
1-0
VC
Active Video Region 2nd Half
Line Duration
2E
7-5
FIELD
Field Identification (read only)
2E
4-0
LTYPE
Line Type Identification (read
only)
2F
7-0
CBL
Color Bar Duration
Color Space Matrix Registers
30
7-0
MCF1L
Matrix Coefficient #1
31
7-0
Reserved
Program Low
32
7-0
Reserved
Program Low
33
7-0
MCF2L
Matrix Coefficient #2
34
7-0
Reserved
Program Low
35
7-0
MCF3L
Matrix Coefficient #3
36
7-0
Reserved
Program Low
37
7-0
Reserved
Program Low
Table 22. Control Register Map (continued)
Reg Bit
Mnemonic
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com