Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC2192 Datasheet(PDF) 38 Page - Cadeka Microcircuits LLC.

Part # TMC2192
Description  10 Bit Encoder
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2192 Datasheet(HTML) 38 Page - Cadeka Microcircuits LLC.

Back Button TMC2192 Datasheet HTML 34Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 35Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 36Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 37Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 38Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 39Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 40Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 41Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 42Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 69 page
background image
TMC2192
PRODUCT SPECIFICATION
38
REV. 1.0.0 8/13/03
Control Register Definitions (continued)
General Control Register (0x06)
76543210
FORMAT
MODE
PDCDIR
TOUT
TSOUT
Reg
Bit
Name
Description
06
7-6
FORMAT
Video Format.
00
NTSC
01
PAL – B,G,H,I,N
10
PAL – M
11
Reserved
06
5-3
MODE
Video Mode.
000
MASTER with free-running subcarrier
001
SLAVE with free-running subcarrier
010
CCIR656 with free-running subcarrier
011
GENLOCK with subcarrier phase and frequency locked to the GRS
information.
100
MASTER with subcarrier phase reset every 8 fields
101
SLAVE with subcarrier phase reset every 8 fields
110
CCIR656 with subcarrier phase reset every 8 fields.
111
DRS-Lock with subcarrier phase and frequency locked to the DRS
information.
06
2
PDCDIR
PDC Directional Control.
When PDC is LOW, the PDC pin is an output.
When PDCDIR is HIGH, the PDC pin is an input that can override the
internally generated PDC and blank the active video of a line.
06
1
TOUT
External Sync Output Control.
When TOUT = LOW, a MPEG style field toggle is the output on pin VSOUT.
When TOUT = HIGH, a traditional vertical sync is the output on pin VSOUT.
06
0
TSOUT
External Sync Delay Control.
When the TSOUT is LOW, HSOUT, VSOUT are delayed to match
propagation delay through the chip. When TSOUT is HIGH, HSOUT,
VSOUT are aligned with the incoming data on the PD port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com