Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC2192 Datasheet(PDF) 9 Page - Cadeka Microcircuits LLC.

Part # TMC2192
Description  10 Bit Encoder
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2192 Datasheet(HTML) 9 Page - Cadeka Microcircuits LLC.

Back Button TMC2192 Datasheet HTML 5Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 6Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 7Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 9Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 10Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 11Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 12Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 13Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 69 page
background image
PRODUCT SPECIFICATION
TMC2192
REV. 1.0.0 8/13/03
9
Color Space Matrix
Control Registers for this section
Matrix configuration:
Ycomposite
= MCF1 * Yin
U
= MCF2 * CB
V
= MCF3 * CR
The color space matrix consists of 3 multipliers with inde-
pendently adjustable coefficients, and a resolution of
0.00049 (1/2048). The amount of gain varies among coeffi-
cients, Table 1 summarizes the gain for each coefficient.
To aid in the programming of the color space matrix Table 2
provides a set of default input and output values for 100%
color bars. The component values given will be after the pre-
processing block and prior to the sync and pedestal insertion.
The blank, pedestal, and sync values are given as a reference.
Table 4 gives the default coefficients values for the CSM.
Address
Bit(s)
Name
0x30
7-0
MCF1L
0x33
7-0
MCF2L
0x35
7-0
MCF3L
0x3A
7-4
MCF1M
0x3B
2-0
MCF2M
0x3C
2-0
MCF3M
Table 1. CSM Coefficient Range
Coefficient
Gain Range
Comment
MCF1
0 to 2
MCF2
0 to 1
11 bit coefficient.
MCF3
0 to 1
11 bit coefficient.
Table 2. Expected Output Values for the CSM with YCBCR Inputs
Color
Inputs
5:2 Outputs
7:3 Outputs
YCB
CR
YUV
YUV
White
876
0
0
536
0
0
568
0
0
Yellow
776
-448
73
475
-235
54
503
-249
57
Cyan
614
151
448
376
79
-332
407
84
-351
Green
514
-297
-375
315
-156
-278
340
-165
-294
Magenta
362
297
375
222
156
278
240
165
294
Red
262
-151
448
160
-79
332
173
-84
351
Blue
100
448
-73
61
235
-54
66
249
-57
Black
000000000
Blank
64
240
256
Pedestal
44
0
Sync
8
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com