Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC2192 Datasheet(PDF) 51 Page - Cadeka Microcircuits LLC.

Part # TMC2192
Description  10 Bit Encoder
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2192 Datasheet(HTML) 51 Page - Cadeka Microcircuits LLC.

Back Button TMC2192 Datasheet HTML 47Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 48Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 49Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 50Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 51Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 52Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 53Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 54Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 55Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 69 page
background image
PRODUCT SPECIFICATION
TMC2192
REV. 1.0.0 8/13/03
51
Control Register Definitions (continued)
Timing Register (0x29)
76543210
EH
Reg
Bit
Name
Description
29
7-0
EH
Equalization Pulse High Duration.
This 8 bit register holds 8 LSB’s of EH, The addition of 256 or 512 is
controlled by T512. The range is either 256 to 511 PCK cycles or 512 to
767 PCK cycles.
Timing Register (0x2A)
76543210
SL
Reg
Bit
Name
Description
2A
7-0
SL
Vertical Sync Pulse Low Duration.
This 8 bit register holds 8 LSB’s of SL, The addition of 256 or 512 is
controlled by T512. The range is either 256 to 511 PCK cycles or 512 to
767 PCK cycles.
Timing Register (0x2B)
76543210
SH
Reg
Bit
Name
Description
2B
7-0
SH
Vertical Sync Pulse High Duration.
This 8 bit register holds a value extending from 0 to 255 PCK cycles.
Timing Register (0x2C)
76543210
FP
Reg
Bit
Name
Description
2C
7-0
FP
Front Porch Duration.
This 8 bit register holds a value extending from 0 to 255 PCK cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com