Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC2192 Datasheet(PDF) 56 Page - Cadeka Microcircuits LLC.

Part # TMC2192
Description  10 Bit Encoder
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2192 Datasheet(HTML) 56 Page - Cadeka Microcircuits LLC.

Back Button TMC2192 Datasheet HTML 52Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 53Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 54Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 55Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 56Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 57Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 58Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 59Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 60Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 69 page
background image
TMC2192
PRODUCT SPECIFICATION
56
REV. 1.0.0 8/13/03
Control Register Definitions (continued)
Color Space Matrix Register (0x3F)
76543210
SEL_CLK
RESERVED
GAUSS_BYP
SEL_PIX
C2DB_OFF
NMEH
CSMFMT
Reg
Bit
Name
Description
3F
7
SEL_PIX
DCVBS Output Selection.
When SEL_PIX is HIGH, the interpolated pixel data is selected as the
output for the DCVBS port. When SEL_PIX is LOW, the non-interpolated
pixel data is selected as the output for the DCVBS port.
3F
6
RESERVED
Program Low
3F
5
GAUSS_BYP
Gaussian Bypass Select.
When GAUSS_BYP is LOW, the gaussian filter is enabled.
When GAUSS_BYP is HIGH, the gaussian filter is bypassed.
3F
4
SEL_CLK
DCVBS Clock Select.
When SEL_CLK is LOW, the DCVBS output is clocked at the PXCK.
When SEL_CLK is HIGH, the DCVBS output is clocked at the PCK.
3F
3
C2DB_OFF
COMP2DB Offset Selection.
When C2DB_OFF is HIGH an offset of 256 is added to the COMP2 output
allowing the chrominance data that extends below the sync level to be
passed through the outputs.
3F
2-0
RESERVED
Program Low
Subcarrier Register (0x40)
76543210
FREQL
Reg
Bit
Name
Description
40
7-0
FREQL
Subcarrier Frequency.
Bits 7-0 of the subcarrier frequency FREQL[31:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com