Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC2192 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # TMC2192
Description  10 Bit Encoder
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2192 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  TMC2192 Datasheet HTML 1Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 2Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 3Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 4Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 5Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 6Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 7Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 69 page
background image
REV. 1.0.0 8/13/03
Features
• Multiple input formats
– 20 bit CCIR601
– 10 bit CCIR656
– 10 bit Digital Composite
• Synchronization modes
– Master
– Slave
– Genlock
– CCIR656
• Subcarrier modes
– Free-run
– Subcarrier reset
– Genlock
– DRS-lock
• Ancillary Data Control (ANC)
• Pixel rates from 10 MHz to 15 MHz
• Programmable horizontal timing
• Programmable vertical blanking interval (VBI)
• Line-by-line pedestal enable
• Programmable pedestal height from -20 IRE to 20 IRE
• Programmable burst amplitude and phase
• Controlled edge rates for
– Sync
– Burst
– Active video
• Programmable color space matrix
• 8:8:8 video reconstruction
• Three 10 bit D/A’s with independent trim
• Individual power down modes for each D/A
• Multiple output formats
– S-video
– Composite
– Digital composite output
• Pin-driven and data-driven, window keying
• Closed Caption waveform generation (13.5 MHz only)
• Sin(X)/X compensation filter
• 5 bit VBI line counter
• 3 bit field counter
• Internal test pattern generation
– 100% Color Bars
– 75% Color Bars
– Modulated Ramp
Applications
• Broadcast Television
• Nonlinear Video Processing
TMC2192
10 Bit Encoder
Block Diagram
+
PRE-
PROCESSER
SYNC
INSERT
KEY
MIX
PD[23:0]
OL[4:0]
CVBS[9:0]
Gain
Adjustment
KEY
FVHGEN
MPU
C BYPCOMP
CBYPLUMA
CBYPLUMA
DAC
REF.
U
V
Y
OVERLAY
MIXER
LUMA
CHROMA
COMPOSITE
RREF COMP
RREFCHROMA
RREF LUMA
Chroma
Modulator
CC
2194001a
INTERP.
INTERP.
INTERP.
y
cb
cr
www.cadeka.com


Similar Part No. - TMC2192

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC2192 FAIRCHILD-TMC2192 Datasheet
457Kb / 69P
10 Bit Encoder
TMC2192KHC FAIRCHILD-TMC2192KHC Datasheet
457Kb / 69P
10 Bit Encoder
More results

Similar Description - TMC2192

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC2192 FAIRCHILD-TMC2192 Datasheet
457Kb / 69P
10 Bit Encoder
TMC2193 FAIRCHILD-TMC2193 Datasheet
448Kb / 72P
10 Bit Encoder
logo
ams AG
AS5040 AMSCO-AS5040 Datasheet
653Kb / 28P
10 BIT 360째 PROGRAMMABLE MAGNETIC ROTARY ENCODER
logo
Cadeka Microcircuits LL...
TMC2193 CADEKA-TMC2193 Datasheet
547Kb / 72P
10 Bit Encoder
logo
ams AG
AS5050 AMSCO-AS5050 Datasheet
588Kb / 22P
Low Power 10-Bit Magnetic Rotary Encoder
logo
AVAGO TECHNOLOGIES LIMI...
AEAT-6600-T16 AVAGO-AEAT-6600-T16 Datasheet
539Kb / 11P
10 to16-Bit Programmable Angular Magnetic Encoder IC
logo
ams AG
AS5050 AMSCO-AS5050_07 Datasheet
597Kb / 25P
Low Power 10-Bit Magnetic Rotary Encoder
logo
Analog Devices
ADV7170 AD-ADV7170_15 Datasheet
865Kb / 64P
Digital PAL/NTSC Video Encoder with 10-Bit
Rev. C
ADV7171 AD-ADV7171_15 Datasheet
865Kb / 64P
Digital PAL/NTSC Video Encoder with 10-Bit
Rev. C
logo
Broadcom Corporation.
AEAT-8800-Q24 BOARDCOM-AEAT-8800-Q24 Datasheet
1Mb / 21P
10-Bit to16-Bit Programmable Angular Magnetic Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com