Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC2192 Datasheet(PDF) 26 Page - Cadeka Microcircuits LLC.

Part # TMC2192
Description  10 Bit Encoder
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2192 Datasheet(HTML) 26 Page - Cadeka Microcircuits LLC.

Back Button TMC2192 Datasheet HTML 22Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 23Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 24Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 25Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 26Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 27Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 28Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 29Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 30Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 69 page
background image
TMC2192
PRODUCT SPECIFICATION
26
REV. 1.0.0 8/13/03
Analog outputs of the TMC2192 are driven by three 10 bit
D/A converters, operating at twice the pixel rate. The outputs
drive standard video levels into 37.5 or 75 Ohm loads. An
internal voltage reference is used to provide reference cur-
rent for the D/A converters. For more accurate levels, an
external fixed or variable voltage reference source is accom-
modated. The video signal levels from the TMC2192 may be
adjusted by varying the common Vref or the 3 independent
Rrefs. Each video D/A converter has an independent refer-
ence resistor that can adjust the output gain. D/A Matching
is achieved by trimming the each external reference resistor
of each D/A.
Digital Composite Output
In addition, the TMC2192 supplies a 10 bit digital composite
signal on pins D[7:0] and FLD[2:1]. The digital composite
output can be either an interpolated signal on a non-interpo-
lated signal, this controlled by the control register
SEL_CLK.
Ancillary Data
Control Registers for this section
The TMC2192 is designed to accept 15 words of ancillary
data after the active video pixels at the end of each horizontal
line. Ancillary data may occur once per line, once per field,
once per eight fields, on random lines, or not al all. The
TMC2192 does not assume ancillary data is present on a reg-
ular basis.
Note:
1. P = odd parity bit, x = reserved bit will be ignored
The first three words of ancillary data comprise the TRS sig-
nal (ANC2-0) which indicates the end of active video. Also
known as the Ancillary data header, the TRS signal is a 00h,
FFh, FFh sequence. Except for the TRS words, ancillary data
bit 0 (B0, LSB) is odd parity for B7-1.
The data type word (TT) is used to specify the ancillary data
type. The TMC2192 compares this 7 bit value with the con-
tents of the ANCID control register. If there is a match, the
ancillary data will be processed. If there is no match, the
TMC2192 ignores ancillary data.
The word count data (D11-0 in MM, LL) in the ancillary data
packet indicate the number of words in ancillary data.
Ancillary phase data is used to program the MSBs of the
PHASE register. ANCPHEN and PHV determine how ancil-
lary phase data is used. When ancillary data is not present,
the TMC2192 assumes PHV = LOW.
Address
Bit(s)
Name
0x07
2
ANCFREN
0x07
1
ANCPHEN
0x07
0
ANCTREN
0x08
7-0
ANCID
Table 14. Ancillary Data Format
Word ID
Description
B7
B6
B5
B4
B3
B2
B1
B0
ANC2
Ancillary Data Header (Timing
Reference Signal)
00000000
ANC1
11111111
ANC0
11111111
TT
Data Type
TT6
TT5
TT4
TT3
TT2
TT1
TT0
P
MM
Word
0
D11
D10
D9
D8
D7
D6
P
LL
Count
0
D5
D4
D3
D2
D1
D0
P
FIELD
Field ID/Synchronous Video Flag
x
x
x
SVF
F2
F1
F0
P
reserved
xxxxxxx
P
PH1
Subcarrier Phase
PHV
PH12
PH11
PH10
PH9
PH8
PH7
P
PH0
PH6
PH5
PH4
PH3
PH2
PH1
PH0
P
FR4
Subcarrier Frequency
FRV
x
x
FR31
FR30
FR29
FR28
P
FR3
FR27
FR26
FR25
FR24
FR23
FR22
FR21
P
FR2
FR20
FR19
FR18
FR17
FR16
FR15
FR14
P
FR1
FR13
FR12
FR11
FR10
FR9
FR8
FR7
P
FR0
FR6
FR5
FR4
FR3
FR2
FR1
FR0
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com