Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC2192 Datasheet(PDF) 68 Page - Cadeka Microcircuits LLC.

Part # TMC2192
Description  10 Bit Encoder
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2192 Datasheet(HTML) 68 Page - Cadeka Microcircuits LLC.

Back Button TMC2192 Datasheet HTML 61Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 62Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 63Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 64Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 65Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 66Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 67Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 68Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 69Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 68 / 69 page
background image
TMC2192
PRODUCT SPECIFICATION
68
REV. 1.0.0 8/13/03
Mechanical Dimensions
100-Lead MQFP
Lead Detail
A1
AA2
B
-C-
Lead Coplanarity
Seating Plane
ccc
C
See Lead Detail
E
E1
D1
D
B
Pin 1 Indentifier
e
Base Plane
R
C
L
α
Datum Plane
0
° Min.
.20 (.008) Min.
.13 (.30)
.005 (.012)
.13 (.005) R Min.
0.076" (1.95mm) Ref
A
—
.134
—
3.40
Symbol
Inches
Min.
Max.
Min.
Max.
Millimeters
Notes
A1
.010
—
.25
—
.015
.38
A2
.100
.120
2.55
3.05
B
.008
3, 5
5
.22
.009
.23
C
.005
.13
E
.667
.687
16.95
17.45
.0256 BSC
.65 BSC
e
L
.028
.040
.73
1.03
100
100
30
30
4
N
ND
20
20
NE
α
0
°
7
°
0
°
7
°
—
.004
—
.12
ccc
D
.904
.923
22.95
23.45
D1
.783
.791
19.90
20.10
E1
.547
.555
13.90
14.10
Notes:
1.
2.
3.
4.
5.
All dimensions and tolerances conform to ANSI Y14.5M-1982.
Controlling dimension is millimeters.
Dimension "B" does not include dambar protrusion. Allowable
dambar protrusion shall be .08mm (.003in.) maximum in excess of
the "B" dimension. Dambar cannot be located on the lower radius
or the foot.
"L" is the length of terminal for soldering to a substrate.
"B" & "C" includes lead finish thickness.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com